Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7093 Datasheet(PDF) 43 Page - Sitronix Technology Co., Ltd.

Part # ST7093
Description  26 COM / 80 SEG LCD CONTROLLER/DRIVER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7093 Datasheet(HTML) 43 Page - Sitronix Technology Co., Ltd.

Back Button ST7093 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7093 Datasheet HTML 43Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
ST7093
Ver 2.1
43/43
2003/09/23
ST7093 Specification Revision History
Version
Date
Description
0.1A
2000/06/12
1. 17com*60segment (Original)
0.2A
2000/10/01
1. 26com*80segment
0.3
2001/01/08
1. Changed DC characteristics VLCD=V0-VSS
2. CGROM standard font 0B&C0A
3. Modify 3-Line mode double height instruction
4. Modify AC characteristics
0.3B
2001/03/12
1. Modify Booster 2.4Vx4
1.8Vx4 (page 27)
2. 2line17duty,3line25duty (Page 10)
3. COG Align Key Coordinate (page 4)
4.Reference Ra,Rb value (page 27,29)
5. Modify pin description CK , D0..D3 , TEST pin
0.4
2001/04/17
1. Modify AC characteristics
0.4b
2002/02/07
1. Add COB Pad Dimensions
1.0
2002/05/23
1. Modify double height mode instruction ( P16 & P18 )
2. Add illustration of electronic contrast control circuit ( P30 )
3. Add illustration of voltage regulator circuit ( P29 )
4. Add illustration of MPU interface ( P32 & P33 )
2.0
2002/08/29
1. Modify Operating Voltage 2.4V .. 3.6V
2.0b
2002/09/05
1. Modify CK pin must fixed “Vss”
2. CGROM standard font 0C
2.1
2003/09/23
1. Modify product number to ST7093



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com