Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7522 Datasheet(PDF) 17 Page - Sitronix Technology Co., Ltd.

Part # ST7522
Description  17 x 96 Dot Matrix LCD Controller/Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7522 Datasheet(HTML) 17 Page - Sitronix Technology Co., Ltd.

Back Button ST7522 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
ST7522
Ver 1.0c
17/45
2002/07/10
The Reset Circuit
When the RES
―
input comes to the “L” level, these LSIs return to the default state. Their default states are as follows:
1.
Display OFF
2.
Static drive is turned OFF.
3.
ADC select: Normal (ADC command D0 = 0)
4.
Display all point on is select to normal
5.
Display normal/reverse is select to normal
6.
Power control register: (D2, D0) = (0, 0)
7.
Serial interface internal register data clear
8.
1/6 bias is selected
9.
1/17 duty is selected.
10.
Read modify write OFF
11.
Column address set to Address 0
12.
Page address set to Page 0
13.
Start line set to first line
14.
Electronic contrast register = 35H(max:3FH)
15.
OSC frequency set = 08H
16.
Follower input voltage set =02H
17.
Follower amplified ratio = 06H
18.
Booster input voltage set = 00H
When the power is turned on, the IC internal state becomes unstable, and it is necessary to initialize it using the RES
―
terminal.
After the initialization, each input terminal should
be controlled normally.
While RES
―
is “L,” the oscillator works but the display timing generator stops, and the CL, FR, terminals are fixed to “H.” The
terminals D0 to D7 are not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com