Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565S Datasheet(PDF) 45 Page - Sitronix Technology Co., Ltd.

Part # ST7565S
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565S Datasheet(HTML) 45 Page - Sitronix Technology Co., Ltd.

Back Button ST7565S Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565S Datasheet HTML 49Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
ST7565S
Ver 0.6c
45/72
2009/09/07
LCD Bias Set
This command selects the voltage bias ratio required for the liquid crystal display.
Select Status
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0 1/65duty
1/49duty
1/33duty
1/55duty
1/53duty
1/9 bias
1/8 bias
1/6 bias
1/8 bias
1/8 bias
0
1
0
1
0
1
0
0
0
1
0
1
1/7 bias
1/6 bias
1/5 bias
1/6 bias
1/6 bias
Read/Modify/Write
This command is used paired with the “END” command. Once this command has been input, the display data read command
does not change the column address, but only the display data write command increments (+1) the column address. This mode
is maintained until the END command is input. When the END command is input, the column address returns to the address it
was at when the read/modify/write command was entered. This function makes it possible to reduce the load on the MPU when
there are repeating data changes in a specified display region, such as when there is a blanking cursor.
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
1
1
0
0
0
0
0
* Even in read/modify/write mode, other commands aside from display data read/write commands can also be used.
Figure 24 Command Sequence For read modify write
Figure 25
END
Page address set
Column address set
Dummy read
Data read
Data write
Changes
Finished ?
Read-modify-write cycle
NO
YES
Column address
Read-modify-write mode set
N
N+1
N+2
N+3
N+m
N
End
Return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com