Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7568 Datasheet(PDF) 21 Page - Sitronix Technology Co., Ltd.

Part # ST7568
Description  68 x 102 Dot Matrix LCD Controller/Driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7568 Datasheet(HTML) 21 Page - Sitronix Technology Co., Ltd.

Back Button ST7568 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7568 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
ST7568
Ver 2.2
21/73
2008/01/04
DISPLAY DATA RAM (DDRAM)
The ST7568 contains a 68X102X2 bit static RAM that stores the display data. The display data RAM store the dot data for
the LCD. It has a 68(8 pageX8 bit +1 pageX3 bit +1 pageX1 bit) X102 X2. There is a direct correspondence between
X-address and column output number. It is 68-row by 102-column addressable array. Each pixel can be selected when the
page and column addresses are specified. The 65 rows are divided into 8 pages of 8 lines (0~63 COM) and 8th page with
three line (D0 ~D2)(64~ 66 COM) and 9th page with a single line (D0 only)(67 row
—COMS (ICON). Data is read from or
written to the 8 lines of each page directly through D0 to D7. The display data of D0 to D7 from the microprocessor
correspond to the LCD common lines. The microprocessor can read from and write to RAM through the I/O buffer. Since
the LCD controller operates independently, data can be written into RAM at the same time as data is being displayed
without causing the LCD flicker.
Page Address Circuit
This circuit is for providing a Page Address to Display Data RAM shown in figure 6. It incorporates 4-bit Page
Address register changed by only the
“Set Page” instruction. Page Address 9 is a special RAM area for the icons and
display data D0 is only valid.
Line Address Circuit
This circuit assigns DDRAM a Line Address corresponding to the first line (COM0) of the display. Therefore, by setting Line
Address repeatedly, it is possible to realize the screen scrolling and page switching without changing the contents of
on-chip RAM as shown in figure 10. It incorporates 7-bit Line Address register changed by only the initial display line
instruction and 7-bit counter circuit. At the beginning of each LCD frame, the contents of register are copied to the line
counter which is increased by CL signal and generates the line address for transferring the 102-bit RAM data to the display
data latch circuit. When icon is selected by setting icon page address, display data of icons are not scrolled because the
MPU cannot access Line Address of icons.
Column Address Circuit
Column Address Circuit has an 8-bit preset counter that provides Column Address to the Display Data RAM as shown in
figure11. The display data RAM column address is specified by the Column Address Set command. The specified column
address is incremented (+1) with each display data read/write command. This allows the MPU display data to be accessed
continuously.
Register MX and MY selection instruction makes it possible to invert the relationship between the Column Address and the
segment outputs. It is necessary to rewrite the display data on built-in RAM after issuing MX select instruction. Refer to the
following figure 12.
SEG Output
SEG Output
MX
SEG0
SEG101
“0”
seg0
à Segment Address à seg101
“1”
seg101
ß Segment Address ß seg0
Com Output
SEG Output
MY
Com0
Com66
Coms
“0”
com0
à Common Address à com66 Coms
“1”
com66
ß Common Address ß com0 Coms
COM Scan Direction
Status
1/65 DUTY
1/68 DUTY
Normal
Reverse
COM0
à COM63
COM63
à COM0
COM0
à COM66
COM66
à COM0
Common output pins
Duty
MY
Com [0:31]
Com [32:34]
Com [35:66]
Coms
0
Com [0:66]
Coms
1/68
1
Com [66:0]
Coms
0
Com [0:31]
Reverse
Com [32:63]
Coms
1/65
1
Com [63:32]
Reverse
Com [31:0]
Coms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com