Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40ST8053_M Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 40ST8053_M
Description  40 PIN SMD ETHERNET 10 BASE DUAL PORT TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

40ST8053_M Datasheet(HTML) 1 Page - Bothhand USA, LP.

  40ST8053_M Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
40 PIN SMD ETHERNET 10 BASE DUAL PORT TRANSFORMER
P/N: 40ST8053 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A0(02/06)
Feature
IEEE 802.3 Ethernet compatible.
40 PIN SMD package.
Customer designs available for specific application.
Operating temperature range : 0°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
L.L
(•H Max)
Part
Number
TX
RX
OCL
(•H Min)
TX
RX
Cw/w
(pF Max)
DCR (Ω Max)
RX/TX
HI-POT
(Vrms Max )
@ 1mA
40ST8053
2CT:1
1CT:1
140
0.8
0.4
15
0.4
1200
Continue
DCMR
(dB Min)
Part
Number
Peak Pulse Rating
(Volts)
Dissipation Rating
(mW)
Insulation Resistance
(MΩ)@50VDC
1-60MHz
60-200 MHz
40ST8053
50
75
10,000
-37
-25
Schematic
Mechanical


Similar Part No. - 40ST8053_M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST8053_S BOTHHAND-40ST8053_S Datasheet
199Kb / 1P
40 PIN SMD ETHERNET 10 BASE DUAL PORT TRANSFORMER
More results

Similar Description - 40ST8053_M

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
40ST1011L BOTHHAND-40ST1011L Datasheet
69Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041B BOTHHAND-40ST1041B Datasheet
40Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041D BOTHHAND-40ST1041D Datasheet
42Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1041EX-1 BOTHHAND-40ST1041EX-1 Datasheet
223Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1053B BOTHHAND-40ST1053B Datasheet
41Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1045 BOTHHAND-40ST1045 Datasheet
288Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST1064 BOTHHAND-40ST1064 Datasheet
216Kb / 1P
40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER
40ST8051B_M BOTHHAND-40ST8051B_M Datasheet
590Kb / 1P
40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
40ST8053_S BOTHHAND-40ST8053_S Datasheet
199Kb / 1P
40 PIN SMD ETHERNET 10 BASE DUAL PORT TRANSFORMER
40ST8056_M BOTHHAND-40ST8056_M Datasheet
238Kb / 1P
40 PIN SMD ETHERNET 10-BASE T QUAD PORT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com