Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5530 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 5530
Description  Dynamic Calibrator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5530 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  5530 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5530 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Agilent 5530
Dynamic Calibrator
Data Sheet
Power Requirements
CAUTION
LASER LIGHT
DO NOT STARE INTO BEAM
MAXIMUM OUTPUT: 1 mw
PULSE SPEC: continuous wave
LASER MEDIUM: helium neon
CLASS II LASER PRODUCT
E1738A
Air Sensor
one to three
E1737A
Material Sensors
E1736A
USB Sensor Hub
E1735A
USB Axis Module
10888A
Remote
A-quad-B
Cable
55290 B
Rotary Table
5519A/B
Laser
Environmental
Operating Temperature: 0 – 40°C (32 – 104°F)
Optics temperature must be stabilized to ±2°C to
achieve accuracy specifications.
PC Requirements
Compatible with any portable computer
with Windows® XP or Windows Vista (32-bit)
and two USB 2.0 ports and a CD drive
“Windows” is a registed trademark of Microsoft, Inc.
Laser Head:
100 – 240 Vac, 50/60 Hz
50W (during warmup), 33W (after warmup)
Calibrator Electronics (all +5V via USB):
E1735A 280 mA max (plus 55290B if used)
E1736A 120 mA (plus sensors)
E1737A 6 mA maximum, 0.3 mA typical
E1738A 6 mA maximum, 0.6 mA typical
55290B 250 mA maximum
System Requirements


Similar Part No. - 5530

ManufacturerPart #DatasheetDescription
logo
Littelfuse
55300 LITTELFUSE-55300 Datasheet
383Kb / 3P
55300 Flat Pack Rotary Hall Sensor
logo
Festo Corporation.
553032 FESTO-553032 Datasheet
76Kb / 1P
Active carbon filter
3/10/22
553034 FESTO-553034 Datasheet
76Kb / 1P
Active carbon filter
3/10/22
553036 FESTO-553036 Datasheet
53Kb / 1P
Micro filter cartridge
3/10/22
553037 FESTO-553037 Datasheet
52Kb / 1P
Fine filter cartridge
3/10/22
More results

Similar Description - 5530

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
433201A EXTECH-433201A Datasheet
167Kb / 8P
Microprocessor Calibrator/Thermometer
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Intersil Corporation
ISL45042A INTERSIL-ISL45042A Datasheet
148Kb / 8P
LCD Module Calibrator
July 9, 2008
logo
Extech Instruments Corp...
433201 EXTECH-433201 Datasheet
155Kb / 1P
Microprocessor Calibrator Thermometer
logo
Renesas Technology Corp
ISL45042A RENESAS-ISL45042A Datasheet
442Kb / 8P
LCD Module Calibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com