Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B30674-D2024-R424 Datasheet(PDF) 4 Page - EPCOS

Part # B30674-D2024-R424
Description  SAW Components
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B30674-D2024-R424 Datasheet(HTML) 4 Page - EPCOS

  B30674-D2024-R424 Datasheet HTML 1Page - EPCOS B30674-D2024-R424 Datasheet HTML 2Page - EPCOS B30674-D2024-R424 Datasheet HTML 3Page - EPCOS B30674-D2024-R424 Datasheet HTML 4Page - EPCOS B30674-D2024-R424 Datasheet HTML 5Page - EPCOS B30674-D2024-R424 Datasheet HTML 6Page - EPCOS B30674-D2024-R424 Datasheet HTML 7Page - EPCOS B30674-D2024-R424 Datasheet HTML 8Page - EPCOS B30674-D2024-R424 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Dec 19, 2008
SAW Components
B30674-D2024-R424
D2024
SAW Frontend Module for Mobile Communication
Data Sheet
Please read cautions and warnings and
important notes at the end of this document.
EPCOS
Maximum Ratings
ESD Ratings
Input power Tx EGSM
PIN
+35
dBm
@ antenna port VSWR
∞:1
without damage
Input power Tx EGSM
PIN
+35
dBm
source and load impedance 50
Ω
peak power of GSM signal
Input power Tx DCS / PCS
PIN
+33
dBm
@ antenna port VSWR
∞:1
without damage
Input power Tx DCS / PCS
PIN
+33
dBm
source and load impedance 50
Ω
peak power of GSM signal
Input power WCDMA
PIN
+29
dBm
source and load impedance 50
Ω
Input power Rx ports
PIN
+10
dBm
source and load impedance 50
Ω
peak power of GSM signal
Transmitter duty cycle
4:8
CW
GSM
WCDMA
Operable temperature range
T
–30 ... +85
°C
Storage temperature range
T
–30 ... +85
°C
stored as individual component
Storage temperature range
Tstg
0 ... +40
°C
stored in tape
Power supply voltage
VDD
–0.3 ... 4
V
DC voltage
VDD
–0.3 ...
VDD+0.3V
V
at any input, except Rx ports
DC voltage
VDC
5
V
at Rx ports
Antenna port
Vmax
8
kV
EN 61000-4-2
contact discharge
Tx and WCDMA port
Vmax
1.5
kV
MIL_STD 883 Method 3015.7
Human Body Model
Rx ports
Vmax
250
V
JESD22-A114B
Human Body Model
GSM850 / EGSM Rx ports
Vmax
100
V
JESD22-A115A
Machine Model
PCN / PCS Rx ports
Vmax
50
V
JESD22-A115A
Machine Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com