Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32330 Datasheet(PDF) 2 Page - EPCOS

Part # B32330
Description  Film capacitors - AC capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32330 Datasheet(HTML) 2 Page - EPCOS

  B32330 Datasheet HTML 1Page - EPCOS B32330 Datasheet HTML 2Page - EPCOS B32330 Datasheet HTML 3Page - EPCOS B32330 Datasheet HTML 4Page - EPCOS B32330 Datasheet HTML 5Page - EPCOS B32330 Datasheet HTML 6Page - EPCOS B32330 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32330/B32332 – Super MotorCap
FK PC PM AC
September 2009
Please read the important notes,
Page 2 of 7
cautions and warnings.
Construction
Dielectric: polypropylene film
Aluminum can
Soft polyurethane resin
Features
Self-healing properties
Low dissipation factor
Overpressure disconnection device
Highest safety level P2 to IEC 60252-1 2001-02
High insulation resistance
UL approval C
US, VDE, TÜV, CQC
Typical applications
For general sine wave applications,
mainly as motor run capacitor
Terminals
B32330 – single fast-on: 6.3 × 0.8 mm
B32332 – double fast-on: 6.3 × 0.8 mm
Mounting parts
Threaded stud at bottom of can (M8, max. torque = 5 Nm) as option
Technical data and specifications
Reference standards
IEC 60252-1 2001-02 / EN 60252 2001 /
UL 810
Safety class to IEC 60252-1 2001-02
P2
Life expectancy to IEC 60252 2001
400 V:
10000 h (class B)
450 V:
10000 h (class B)
Rated capacitance CR
See dimensions table
Tolerance
5%
Rated voltage VR
420 V, 450 V
Rated frequency fR
50/60 Hz
Maximum ratings
Maximum permissible voltage Vmax
1.1 · VR
(VR = Rated voltage)
Maximum permissible current Imax
1.3 · IR
(IR = Rated current)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com