Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32335 Datasheet(PDF) 6 Page - EPCOS

Part # B32335
Description  Film capacitors - AC capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32335 Datasheet(HTML) 6 Page - EPCOS

  B32335 Datasheet HTML 1Page - EPCOS B32335 Datasheet HTML 2Page - EPCOS B32335 Datasheet HTML 3Page - EPCOS B32335 Datasheet HTML 4Page - EPCOS B32335 Datasheet HTML 5Page - EPCOS B32335 Datasheet HTML 6Page - EPCOS B32335 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Film capacitors – AC capacitors
Motor run capacitors
B32335 – Dual MotorCap™
VR
V AC
CR
μF
Max. dimensions
d ×l
mm
Ordering code
Packing units
pcs.
420 / 450
30+12
53 × 105
B32335I5072J0*0
50
30+15
53 × 105
B32335I5067J0*0
50
35+2
63.5 × 70
B32335I5081J0*0
28
35+3
53 × 80
B32335I5059J0*0
50
35+5
53 × 105
B32335I5040J0*0
50
35+6
53 × 105
B32335I5085J0*0
50
35+8
53 × 105
B32335I5058J0*0
50
35+9.5
53 × 105
B32335I5052J0*0
50
35+10
53 × 105
B32335I5041J0*0
50
35+12
53 × 105
B32335I5079J0*0
50
35+15
53 × 105
B32335I5074J0*0
50
40+4
53 × 105
B32335I5090J0*0
50
40+5
53 × 105
B32335I5042J0*0
50
40+7.5
53 × 105
B32335I5086J0*0
50
40+8
53 × 105
B32335I5047J0*0
50
40+10
53 × 105
B32335I5043J0*0
50
40+12
53 × 105
B32335I5075J0*0
50
40+15
53 × 105
B32335I5078J0*0
50
45+4
63.5 × 82
B32335I5106J0*0
28
45+5
53 × 105
B32335I5044J0*0
50
45+8
53 × 105
B32335I5071J0*0
50
45+10
53 × 105
B32335I5045J0*0
50
50+4
63.5 × 82
B32335I5046J0*0
28
50+5
53 × 105
B32335I5048J0*0
50
50+8
53 × 105
B32335I5049J0*0
50
Composition of ordering code:
*: Construction of can and plastic top
5 –
Aluminum can
7 –
Aluminum can with M8 / M12 bolt:
M8 fixing threaded bolt for diameter = 53 mm, M12 bolt for diameter = 63.5 mm
U Please read “Applications warning, installation and maintenance instructions” and the “General Safety Data Sheet for Power
Capacitors” issued by ZVEI, which are available on the internet at www.epcos.com/ac_capacitors, to ensure optimum performance and to
prevent products from failing, and in worst case, bursting and fire. Information given in the data sheet reflects typical specifications. You are
kindly requested to approve our product specifications or request our approval for your specification before ordering.
FK PC PM AC
January 2008
Please read the important notes,
Page 6 of 7
cautions and warnings.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com