Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB1608GA301 Datasheet(PDF) 3 Page - SAMWHA ELECTRIC

Part # CB1608GA301
Description  BEADS, For Signal Line
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CB1608GA301 Datasheet(HTML) 3 Page - SAMWHA ELECTRIC

  CB1608GA301 Datasheet HTML 1Page - SAMWHA ELECTRIC CB1608GA301 Datasheet HTML 2Page - SAMWHA ELECTRIC CB1608GA301 Datasheet HTML 3Page - SAMWHA ELECTRIC CB1608GA301 Datasheet HTML 4Page - SAMWHA ELECTRIC CB1608GA301 Datasheet HTML 5Page - SAMWHA ELECTRIC CB1608GA301 Datasheet HTML 6Page - SAMWHA ELECTRIC CB1608GA301 Datasheet HTML 7Page - SAMWHA ELECTRIC CB1608GA301 Datasheet HTML 8Page - SAMWHA ELECTRIC CB1608GA301 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SAMWHA ELECTRONICS CO., LTD
v 1005 SIZE
http://www.samwha.com/chip
DPS-081104
This description in the this catalogue is subject to change without notice
400
0.20
30
CB1005GM300
300
0.30
60
CB1005GM600
300
0.40
120
CB1005GM121
200
0.80
220
CB1005GV221
300
0.55
120
CB1005GV121
300
0.40
75
CB1005GV750
300
0.40
60
CB1005GV600
300
0.35
47
CB1005GV470
400
0.25
32
CB1005GV320
100
500
0.10
8
CB1005GV080
Test Frequency
(MHz)
Rated Current
(mA) max.
DC Resistance
(Ω) max.
Impedance
(Ω) ±25%
Samwha P/N
※
Measuring Equipment
-. Z : HP4291B / E4991A
-. Rdc : HP4338B
DPS-081104
CHIP BEADS, For Signal Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com