Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV2012 Datasheet(PDF) 1 Page - SAMWHA ELECTRIC

Part # CMV2012
Description  COMMON MODE FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CMV2012 Datasheet(HTML) 1 Page - SAMWHA ELECTRIC

  CMV2012 Datasheet HTML 1Page - SAMWHA ELECTRIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SAMWHA ELECTRONICS CO., LTD
v Applications
v Features
v Dimensions & Land pattern
CMV/H 2012 Series
v Characteristics
http://www.samwha.com/chip
This description in the this catalogue is subject to change without notice
• USB lines of PCs, peripheral equipment
• LVDS lines of Note-PCs, LCDs
• USB lines of digital AV equipment such as
digital cameras
2.8±0.2
(unit : mm)
• Effective for suppressing common mode at high
frequency from several MHz to several hundreds MHz.
• CMV/H suppresses high frequency noise
that was unable to be suppressed with
existing common mode choke coils.
• Suitable for differential signal lines like USB
Impedance characteristics
Transmission characteristic
CM□2012GM221N2E
CM□2012GM181N2E
CM□2012GM121N2E
CM□2012GM900N2E
CM□2012GM700N2E
Part Number
220
180
120
90
70
Common mode
Impedance [Ω]
at 100MHz
100
100
100
100
100
Rated Current
[mA]
10
10
10
10
10
Rated Voltage
[V]
10
10
10
10
10
Insulation
Resistance
[MΩ]
1
10
100
1000
3000
1
10
100
1000
6000
1
10
100
1000
10000
-25
-20
-15
-10
-5
0
5
DC Current (mA)
181 Common mode
121 Common mode
900 Common mode
121 Differential mode
181 Differential mode
221 Differential mode
900 Differential mode
221 Common mode
Frequency (MHz)
221 Common mode
181 Common mode
121 Common mode
900 Common mode
1.1±0.1
0.80±0.15
1.25±0.2
0.40±0.2
Recommend land pattern
1.0±0.1
1.00±0.15
2.00±0.2
0.60±0.2
0.6±0.1
Recommend land pattern
• Horizontal type
• Vertical type
□
: V, vertical type / H, horizontal type
DPS-081104
CHIP COMMON MODE FILTERS


Similar Part No. - CMV2012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMV20 VISHAY-CMV20 Datasheet
122Kb / 4P
Wirewound Resistors, Commercial Power, Vitreous Coated, Capacitor Mount
24-Mar-15
logo
ams AG
CMV2000 AMSCO-CMV2000 Datasheet
3Mb / 64P
2.2 Megapixel machine vision CMOS image sensor
logo
ams-OSRAM AG
CMV2000 AMSOSRAM-CMV2000 Datasheet
1Mb / 87P
CMV2000 Global shutter CMOS image sensor for machine vision
v8-00 2025-Jul-07
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
ams-OSRAM AG
CMV20000 AMSOSRAM-CMV20000 Datasheet
1Mb / 69P
CMV20000 20MP CMOS machine vision image sensor
v3-00 2026-Mar-13
More results

Similar Description - CMV2012

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFH2501 FRONTIER-CFH2501 Datasheet
98Kb / 1P
Common Mode Line Filters
CFS28XX FRONTIER-CFS28XX Datasheet
115Kb / 1P
Common Mode Line Filters
logo
Central Technologies
CTDLP2012F CT-CTDLP2012F Datasheet
170Kb / 1P
SMD Common Mode Filters
logo
TDK Electronics
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
Common Mode Filters
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
Common Mode Filters
ACM7060-701-2PL-TL TDK-ACM7060-701-2PL-TL Datasheet
91Kb / 3P
Common Mode Filters(SMD)
logo
STMicroelectronics
AN4511 STMICROELECTRONICS-AN4511 Datasheet
4Mb / 21P
Common mode filters
29-Jul-2014
logo
TDK Electronics
ACM2012 TDK-ACM2012_18 Datasheet
155Kb / 7P
Common mode filters
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
Common mode filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com