Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACP-2000MB Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ACP-2000MB
Description  2U Rackmount Chassis for ATX/MicroATX Motherboard with Low-profile Rear Bracket Option
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACP-2000MB Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ACP-2000MB Datasheet HTML 1Page - Advantech Co., Ltd. ACP-2000MB Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Unit: mm (inch)
Dimensions
ACP-2010MB/2000MB
92.00
92.00
92.00
482.60
525.10
88.00
76.20
44.45
92.00
Power Supply Options
Part Number
Specifications
Watt
Input
Output
Mini-load
Safety
MTBF
1757000007G (ATX, PFC)
300 W
AC 100 ~ 240 V
(full range)
+5 V @ 35 A, +3.3 V @ 20 A,
+12 V @ 16 A, -5 V @ 0.5 A,
-12 V @ 1 A, +5 Vsb @ 2 A
+5 V @ 3 A, +3.3 V @ 1 A,
+12 V @ 2 A, -5 V @ 0.05 A,
-12 V @ 0.05 A, +5 Vsb @ 0.1 A
UL/TUV/CB/CCC
97,800 hrs @ 25° C
1757000105G (ATX, PFC)
(ACP-2010MB only)
400 W
AC 100 ~ 240 V
(full range)
+5 V @ 25 A, +3.3 V @ 20 A,
+12 V @ 28 A, -5 V @ 0.5 A,
-12 V @ 0.5 A, +5 Vsb @ 2 A
+5 V @ 3 A, +3.3 V @ 1 A,
+12 V @ 2 A, +5 Vsb @ 0.1 A
UL/TUV/CB/CCC
100,000 hrs @ 25° C
Ordering Information
Model Name
Power Supply
Motherboard
Regulation
ACP-2010MB0-00XE Without power supply,
with ATX switch
Supports AIMB-7XX &
AIMB-5XX series. Riser
card is not included.
-
ACP-2010MB0-30ZE 1757000007G
CE
ACP-2000MB-00XE Without power supply,
with ATX switch
Only AIMB-740,
742, 744, 750
recommended.
A 3-slot PCI riser card
is included.
-
ACP-2000MB-30ZE
1757000007G
CE
Riser Card Options
Model Name
Interface
Expansion Slot Motherboard
AIMB-R430P-03A1E PCIe x4
three PCI
AIMB-762/554
AIMB-RP30P-03A1E PCI
three PCI
AIMB-750/744/742/740/560
AIMB-RH31P-12A1E PCI+ PCIe x1
two PCI + one
PCIe x1
AIMB-760
* The riser cards are specially designed to support all Advantech AIMB series motherboards
except AIMB-562 & AIMB-542.
There might be compatibility issues with other vendor’s motherboards, so an optional
rear I/O bracket for low-profile add-on cards is provided.
Accessories
Part Number
Description
9680002285
Rear I/O bracket for low-profile add-on cards
96CD-52X-I-AS-B3
Black 5.25" 52X CD-ROM
96DVR-40X-I-AS-B
Black 5.25" 16X/40X/24X DVDRW-ROM
96FDD-144-TE-B
Black 3.5" FDD
SDVD-FDD-COMBOE
5.25" storage kit with slim 8X DVD, 24X CD-RW &
standard 3.5" black FDD
SDVD-COMBOE
5.25" storage kit with slim 8X DVD, 24X CD-RW & a
3.5" drive bay for FDD or HDD
SCD-FDD-COMBOE
5.25" storage kit with slim 24X CD-ROM & standard
3.5" black FDD
SCD-COMBOE
5.25" storage kit with slim 24X CD-ROM & a 3.5" drive
bay for FDD or HDD
1759200650
Fan 80 x 80 x 25 mm
1700060202
Y-cable for PS/2 mouse and keyboard
ACP-2010MB
ACP-2000MB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com