Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC390D-05B Datasheet(PDF) 2 Page - SAMWHA ELECTRIC

Part # SVC390D-05B
Description  SVC Varistors Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

SVC390D-05B Datasheet(HTML) 2 Page - SAMWHA ELECTRIC

  SVC390D-05B Datasheet HTML 1Page - SAMWHA ELECTRIC SVC390D-05B Datasheet HTML 2Page - SAMWHA ELECTRIC SVC390D-05B Datasheet HTML 3Page - SAMWHA ELECTRIC SVC390D-05B Datasheet HTML 4Page - SAMWHA ELECTRIC SVC390D-05B Datasheet HTML 5Page - SAMWHA ELECTRIC SVC390D-05B Datasheet HTML 6Page - SAMWHA ELECTRIC SVC390D-05B Datasheet HTML 7Page - SAMWHA ELECTRIC SVC390D-05B Datasheet HTML 8Page - SAMWHA ELECTRIC SVC390D-05B Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DISC Ceramic Capacitors
117
SAMWHA CAPACITOR Co., Ltd.
116
Specification
Maximum Ratings
Applied Voltage
RMS
50/60Hz
(25℃ )
Dia
(mm)
Vacm
(Volts)
Vdcm
(Volts)
Wtm
(Joules)
Ptam
(Watts)
Itm
(Amps)
Vnom
(Volts)
Min.(Volts) Max.(Volts)
Vc
(Volts)
Ip
(Amps)
f=1kHz
(㎊)
Tolerance
Chip
Element
Size
DC
(25℃ )
Energy
②
Average
Power
Dissipation
Peak ③
Current
(8/20㎲)
Nominal Varistor ④
Peak Voltage
Max. Clamping ⑤
Voltage @ Test
Current(8/20㎲)
Typical
Capacitance
Transient
Characteristics
Device Type
SVC 180D-05B
5
0.3
0.01
125
40
1
1700
SVC 180D-07B
7
0.8
0.02
250
36
2.5
3500
SVC 180D-10B
10
11
14
1.5
0.05
500
18
16
20
36
5
7000
SVC 180D-14B
14
3.5
0.1
1000
36
10
1400
SVC 180D-20B
20
10.0
0.2
2000
36
20
28000
SVC 220D-05B
5
0.4
0.01
125
48
1
1200
SVC 220D-07B
7
0.9
0.02
250
43
2.5
2500
SVC 220D-10B
10
14
18
2.0
0.05
500
22
20
24
43
5
5000
SVC 220D-14B
14
4.0
0.1
1000
43
10
11000
SVC 220D-20B
20
13.0
0.2
2000
43
20
22000
SVC 270D-05B
5
0.5
0.01
125
60
1
1100
SVC 270D-07B
7
1.0
0.02
250
53
2.5
2000
SVC 270D-10B
10
17
22
2.5
0.05
500
27
24
30
53
5
4500
SVC 270D-14B
14
5.0
0.1
1000
54
10
9000
SVC 270D-20B
20
15.0
0.2
2000
53
20
18000
SVC 330D-05B
5
0.6
0.01
125
73
1
1000
SVC 330D-07B
7
1.2
0.02
250
65
2.5
2000
SVC 330D-10B
10
20
26
3.0
0.05
500
33
30
36
65
5
4000
SVC 330D-14B
14
6.0
0.1
1000
65
10
8000
SVC 330D-20B
20
20.0
0.2
2000
65
20
16000
SVC 390D-05B
5
0.8
0.01
125
86
1
800
SVC 390D-07B
7
1.5
0.02
250
77
2.5
1600
SVC 390D-10B
10
25
31
3.5
0.05
500
39
35
43
77
5
3200
SVC 390D-14B
14
7.0
0.1
1000
77
10
6500
SVC 390D-20B
20
24.0
0.2
2000
77
20
13000
SVC 470D-05B
5
1.0
0.01
125
104
1
700
SVC 470D-07B
7
1.8
0.02
250
93
2.5
1400
SVC 470D-10B
10
30
38
4.5
0.05
500
47
42
52
93
5
2800
SVC 470D-14B
14
8.5
0.1
1000
93
10
5500
SVC 470D-20B
20
30.0
0.2
2000
93
20
11000
SVC 560D-05B
5
1.0
0.01
125
123
1
600
SVC 560D-07B
7
2.2
0.02
250
110
2.5
1300
SVC 560D-10B
10
35
45
5.5
0.05
500
56
50
62
110
5
2500
SVC 560D-14B
14
10.5
0.1
1000
110
10
5000
SVC 560D-20B
20
35.0
0.2
2000
110
20
10000
SVC 680D-05B
5
1.2
0.01
125
150
1
500
SVC 680D-07B
7
2.5
0.02
250
135
2.5
1000
SVC 680D-10B
10
40
56
6.5
0.05
500
68
61
75
135
5
2000
SVC 680D-14B
14
12.0
0.1
1000
135
10
4000
SVC 680D-20B
20
40.0
0.2
2000
135
20
8000
SVC 820D-05A
5
1.7
0.1
400
145
5
400
SVC 820D-07A
7
3.5
0.25
1200
135
10
800
SVC 820D-10A
10
50
65
8.0
0.4
2500
82
74
90
135
25
1500
SVC 820D-14A
14
14.0
0.6
4500
135
50
3000
SVC 820D-20A
20
27.0
1.0
6500
135
100
6000
SVC 101D-05A
5
2.0
0.1
400
175
5
350
SVC 101D-07A
7
4.0
0.25
1200
165
10
700
SVC 101D-10A
10
60
85
10.0
0.4
2500
100
90
110
165
25
1500
SVC 101D-14A
14
18.0
0.6
4500
165
50
3000
SVC 101D-20A
20
30.0
1.0
6500
165
100
6000
Maximum Ratings
Applied Voltage
RMS
50/60Hz
(25℃ )
Dia
(mm)
Vacm
(Volts)
Vdcm
(Volts)
Wtm
(Joules)
Ptam
(Watts)
Itm
(Amps)
Vnom
(Volts)
Min.(Volts) Max.(Volts)
Vc
(Volts)
Ip
(Amps)
f=1kHz
(㎊)
Tolerance
Chip
Element
Size
DC
(25℃ )
Energy
②
Average
Power
Dissipation
Peak ③
Current
(8/20㎲)
Nominal Varistor ④
Peak Voltage
Max. Clamping ⑤
Voltage @ Test
Current(8/20㎲)
Typical
Capacitance
Transient
Characteristics
Device Type
SVC 121D-05A
5
2.5
0.1
400
210
5
350
SVC 121D-07A
7
5.0
0.25
1200
200
10
700
SVC 121D-10A
10
75
100
12.0
0.4
2500
120
108
132
200
25
1300
SVC 121D-14A
14
20.0
0.6
4500
200
50
2600
SVC 121D-20A
20
40.0
1.0
6500
200
100
5200
SVC 151D-05A
5
3.0
0.1
400
260
5
250
SVC 151D-07A
7
6.0
0.25
1200
250
10
500
SVC 151D-10A
10
95
125
16.0
0.4
2500
150
135
165
250
25
1000
SVC 151D-14A
14
25.0
0.6
4500
250
50
2000
SVC 151D-20A
20
50.0
1.0
6500
250
100
4000
SVC 201D-05A
5
4.0
0.1
400
355
5
200
SVC 201D-07A
7
10.0
0.25
1200
340
10
400
SVC 201D-10A
10
130
170
20.0
0.4
2500
200
185
225
340
25
800
SVC 201D-14A
14
35.0
0.6
4500
340
50
1600
SVC 201D-20A
20
70.0
1.0
6500
340
100
3200
SVC 221D-05A
5
4.5
0.1
400
380
5
170
SVC 221D-07A
7
10.0
0.25
1200
360
10
350
SVC 221D-10A
10
140
180
23.0
0.4
2500
220
198
242
360
25
700
SVC 221D-14A
14
40.0
0.6
4500
360
50
1400
SVC 221D-20A
20
75.0
1.0
6500
360
100
2800
SVC 241D-05A
5
5.0
0.1
400
415
5
170
SVC 241D-07A
7
10.0
0.25
1200
395
10
350
SVC 241D-10A
10
150
200
25.0
0.4
2500
240
216
264
395
25
700
SVC 241D-14A
14
40.0
0.6
4500
395
50
1300
SVC 241D-20A
20
80.0
1.0
6500
395
100
2600
SVC 271D-05A
5
6.0
0.1
400
475
5
150
SVC 271D-07A
7
12.0
0.25
1200
455
10
300
SVC 271D-10A
10
175
225
30.0
0.4
2500
270
247
303
455
25
600
SVC 271D-14A
14
50.0
0.6
4500
455
50
1200
SVC 271D-20A
20
90.0
1.0
6500
455
100
2400
SVC 361D-05A
5
7.5
0.1
400
620
5
120
SVC 361D-07A
7
15.0
0.25
1200
595
10
250
SVC 361D-10A
10
230
300
35.0
0.4
2500
360
324
396
595
25
500
SVC 361D-14A
14
65.0
0.6
4500
595
50
1000
SVC 361D-20A
20
120.0
1.0
6500
595
100
2000
SVC 391D-05A
5
8.0
0.1
400
675
2.55
110
SVC 391D-07A
7
17.0
0.25
1200
650
10
220
SVC 391D-10A
10
250
320
40.0
0.4
2500
390
351
429
650
25
450
SVC 391D-14A
14
70.0
0.6
4500
650
50
900
SVC 391D-20A
20
130.0
1.0
6500
650
100
1800
SVC 431D-05A
5
9.0
0.1
400
754
5
100
SVC 431D-07A
7
20.0
0.25
1200
710
10
200
SVC 431D-10A
10
275
350
45.0
0.4
2500
430
387
473
710
25
400
SVC 431D-14A
14
75.0
0.6
4500
710
50
800
SVC 431D-20A
20
140.0
1.0
6500
710
100
1600
SVC 471D-05A
5
10.0
0.1
400
810
5
80
SVC 471D-07A
7
20.0
0.25
1200
775
10
170
SVC 471D-10A
10
300
385
45.0
0.4
2500
470
423
517
775
25
350
SVC 471D-14A
14
80.0
0.6
4500
775
50
700
SVC 471D-20A
20
150.0
1.0
6500
775
100
1400
SVC Varistors Type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com