Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603ME-R18XJL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603ME-R18XJL
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603ME-R18XJL Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603ME-R18XJL Datasheet HTML 1Page - Coilcraft lnc. 0603ME-R18XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2007
Specifications subject to change without notice.
Please check our website for latest information.
Chip Inductors – 0603ME Series (1608)
Document 431-1
Document 431-1
Revised 10/05/06
The 0603ME chip inductors offer excellent Q values,
especially at use frequencies, high SRFs, very low DCR
and outstanding current handling capabilities.
Designed to be compatible with other industry standards,
they are available in 44 inductance values from 2.2 nH to
180 nH, some not found in any of our other 0603 series.
These inductors are perfect for use in high-frequency
circuits in telecommunications equipment. Their excel-
lent current handling makes them ideal for power-ampli-
fier applications.
Contact Coilcraft to request free evaluation samples.
A
B
overall
E
terminal
F
D
D
G
C
H
Recommended
Land Pattern
Terminal wraparound:
approx 0.007/0,18 both ends
AB
CD
E
0.063 ±0.008
0.031 ±0.008
0.031 ±0.008
0.012 ±0.004
0.031 ±0.006
1,6 ±0,2
0,8 ±0,2
0,8 ±0,2
0,3 ±0,1
0,8 ±0,15
FG
H
0.027
0.075
0.035
0,7
1,9
0,9
Typical Q vs Frequency
1
10
100
1000
10000
Frequency (MHz)
0
100
90
80
70
60
50
40
30
20
10
110
120
20 nH
3.6 nH
47 nH
100 nH
Typical L vs Frequency
1
10
100
1000
10000
Frequency (MHz)
0
100
90
80
70
60
50
40
30
20
10
110
120
20 nH
3.6 nH
47 nH
100 nH
Tape and reel:
2000/7
″ reel 8 mm tape width
For packaging data see Tape and Reel Specifications section.


Similar Part No. - 0603ME-R18XJL

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
0603M080KRR CERAMATE-0603M080KRR Datasheet
251Kb / 9P
Zinc Oxide
0603M120KRR CERAMATE-0603M120KRR Datasheet
251Kb / 9P
Zinc Oxide
0603M150KRR CERAMATE-0603M150KRR Datasheet
251Kb / 9P
Zinc Oxide
0603M180KRR CERAMATE-0603M180KRR Datasheet
251Kb / 9P
Zinc Oxide
0603M240KRR CERAMATE-0603M240KRR Datasheet
251Kb / 9P
Zinc Oxide
More results

Similar Description - 0603ME-R18XJL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com