Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008CS Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 1008CS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008CS Datasheet(HTML) 1 Page - Coilcraft lnc.

  1008CS Datasheet HTML 1Page - Coilcraft lnc. 1008CS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Chip Inductors–1008CS Series (2520)
Document 101-1
Document 101-1
Revised 10/06/08
J
H
A
B
overall
F
G
E
terminal
F
C
D
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
I
I
10
100
Frequency (MHz)
1000
10000
100
100
120
90
70
80
60
50
40
30
20
10
0
47 nH
12 nH
330 nH
750 nH
1800 nH
100 nH
1,000
900
800
700
600
500
400
300
200
100
0
Frequency (MHz)
1000
10000
100
10
1
100 nH
47 nH
12 nH
750 nH
330 nH
Typical Q vs Frequency
Typical L vs Frequency
AB
C
D
max max
max
ref
E
F
G
H
I
J
0.115 0.110
0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches
2,92
2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27 mm
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Irms Derating
• High SRF and excellent Q values
• Tight tolerances, many values at 1%
• 39 inductance values from 10 nH to 8.2 µH
Designer’s Kit C300 contains 10 each of all values
Core material Ceramic
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 29.6 – 37.4 mg
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 2000 per 7
″ reel; 7500 per 13″ reel. Plastic tape: 8 mm wide,
0.3 mm thick, 4 mm pocket spacing, 2.0 mm pocket depth
PCB washing Only pure water or alcohol recommended


Similar Part No. - 1008CS

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
1008CS DELTA-1008CS Datasheet
119Kb / 3P
WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
logo
Coilcraft lnc.
1008CS COILCRAFT-1008CS Datasheet
100Kb / 1P
Designer’s Kits
logo
Delta Electronics, Inc.
1008CS-100E_TS DELTA-1008CS-100E_TS Datasheet
119Kb / 3P
WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
logo
Coilcraft lnc.
1008CS-100XFLB COILCRAFT-1008CS-100XFLB Datasheet
104Kb / 2P
Chip Inductors - 1008CS Series (2520)
1008CS-100XFLC COILCRAFT-1008CS-100XFLC Datasheet
213Kb / 2P
Chip Inductors 1008CS Series
More results

Similar Description - 1008CS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
Fixed Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
Inductors Chip Inductors
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
Inductors Chip Inductors
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
Fixed Inductors (Chip Inductors)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com