Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008LS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1008LS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1008LS Datasheet(HTML) 2 Page - Coilcraft lnc.

  1008LS Datasheet HTML 1Page - Coilcraft lnc. 1008LS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
1008LS Series (2520)
Specifications subject to change without notice.
Please check our website for latest information.
Document 103-2
Document 103-2
Revised 12/14/09
Typical Q vs Frequency
Typical L vs Frequency
AB
CD
max
max
max
ref
E
F
G
H
I
J
0.115
0.110
0.080
0.020
0.080
0.020
0.060
0.100
0.040
0.050 inches
2,92
2,79
2,03
0,51
2,03
0,51
1,52
2,54
1,02
1,27
mm
A
B
overall
F
I
I
G
D
E
terminal
F
J
C
H
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
1
10
100
1000
110
1000
100
Frequency (MHz)
1.8 µH
6.8 µH
33 µH
10 µH
68 µH
0
10
20
30
40
50
1
10
100
Frequency (MHz)
1.8 µH
6.8 µH
33 µH
10 µH
68 µH



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com