Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812FS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812FS
Description  Filter Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812FS Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812FS Datasheet HTML 1Page - Coilcraft lnc. 1812FS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Document 254-2
Document 254-2
Revised 10/06/08
Filter Inductors – 1812FS Series
A max
B max C max
D ref
E ref
F ref
G
0.231
0.196
0.150
0.107
0.100
0.178
0.025 inches
5,87
4,98
3,81
2,72
2,54
4,52
0,64
mm
AF
B
overall
D
E
terminal
G
C
0.120
3,05
0.045
1,14
0.118
3,00
Recommended
Land Pattern
Typical L vs Frequency
10000
0.1
1
10
100
1000
0.01
0.1
10
1
Frequency (MHz)
1000 µH
1 µH
10 µH
100 µH
Irms Derating
-40
-20
0
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
Current (A)
10000
0.1
1
10
100
1000
1000 µH
100 µH
1 µH
10 µH
Typical L vs Current



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com