Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41141 Datasheet(PDF) 13 Page - EPCOS

Part # B41141
Description  Aluminum electrolytic capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41141 Datasheet(HTML) 13 Page - EPCOS

Back Button B41141 Datasheet HTML 6Page - EPCOS B41141 Datasheet HTML 7Page - EPCOS B41141 Datasheet HTML 8Page - EPCOS B41141 Datasheet HTML 9Page - EPCOS B41141 Datasheet HTML 10Page - EPCOS B41141 Datasheet HTML 11Page - EPCOS B41141 Datasheet HTML 12Page - EPCOS B41141 Datasheet HTML 13Page - EPCOS B41141 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Cautions and warnings
13 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
11
Do not apply excessive force to the leads and terminals. Do not move the capacitor after sol-
dering it onto the PC board and do not carry the PC board by gripping the capacitor. Observe
the following rules to prevent undue stress to the capacitor:
a Do not tilt or bend the capacitor after soldering.
b Ensure that the terminal spacing matches the corresponding hole spacing on the PC
board.
12
The aluminum case is not insulated from the cathode. Do not place a conductor under the
aluminum capacitors on the PC board as this may cause a short circuit. The case and top of
capacitors used in switched mode power supplies have a high-voltage-resistant heat shrink
sleeve to ensure safe usage.
13
The leads of capacitors with a case diameter exceeding 14 mm cannot be used for fixing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com