Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812LS Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 1812LS
Description  Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

1812LS Datasheet(HTML) 2 Page - Coilcraft lnc.

  1812LS Datasheet HTML 1Page - Coilcraft lnc. 1812LS Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
1812LS (4532) Chip Inductors
Specifications subject to change without notice.
Please check our website for latest information.
Document 106-2
Document 106-2
Revised 10/06/08
ABCD
max
max
max
ref
E
F
G
H
I
J
0.195 0.150 0.135 0.070 0.100 0.025 0.128 0.120 0.045 0.118 inches
4,95
3,81
3,43
1,78
2,54
0,64
3,25
3,05
1,14
3,00 mm
A
B
overall
F
I
I
G
D
E
terminal
F
J
C
H
Terminal wraparound:
approx 0.015/0,38 both ends
Recommended
Land Pattern
Typical Q vs Frequency
Typical L vs Current
10000
1000
100
10
1
10
DC Current (mA)
100
1000
1000 µH
330 µH
100 µH
33 µH
12 µH
Frequency (MHz)
0.1
60
50
40
30
20
10
0
0.2 0.3 0.4
0.6
1
2
4
5
38
610
0.79 MHz
2.5 MHz
1000 µH
560 µH
82 µH
270 µH
33 µH
18 µH
12 µH
Irms Derating
-40
-20
0
20
40
60
80
100
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Designer’s Kit C314 contains 10 of each value
Core material Ferrite
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Other terminations available at additional cost.
Weight 142 – 171 mg
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+100°C with derated current
Storage temperature Component: –40°C to +100°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +200 to +700 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 600/7
″ reel; 2200/13″ reel. Plastic tape: 12 mm wide,
0.3 mm thick, 8 mm pocket spacing, 3.7 mm pocket depth
PCB washing Only pure water or alcohol recommended



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com