Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41858 Datasheet(PDF) 13 Page - EPCOS

Part # B41858
Description  Aluminum electrolytic capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41858 Datasheet(HTML) 13 Page - EPCOS

Back Button B41858 Datasheet HTML 9Page - EPCOS B41858 Datasheet HTML 10Page - EPCOS B41858 Datasheet HTML 11Page - EPCOS B41858 Datasheet HTML 12Page - EPCOS B41858 Datasheet HTML 13Page - EPCOS B41858 Datasheet HTML 14Page - EPCOS B41858 Datasheet HTML 15Page - EPCOS B41858 Datasheet HTML 16Page - EPCOS B41858 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
Ω
ESRmax
120 Hz
20
°C
Ω
ESRmax
10 kHz
20
°C
Ω
Zmax
100 kHz
20
°C
Ω
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm, excluding 12.5 × 30/40 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm, excluding d × l = 12.5 × 30/40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 18 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm, excluding 12.5 × 30/40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 100 V DC
22
8
× 11.5 12.219 4.593
1.222
1.114
205
307
B41858C9226M***
27
10
× 12.5
9.813 3.743
0.981
0.883
266
400
B41858C9276M***
33
10
× 16
6.542 3.062
0.654
0.589
357
536
B41858C9336M***
56
10
× 20
4.606 1.804
0.461
0.423
460
691
B41858C9566M***
100
12.5
× 20
3.048 1.011
0.305
0.281
647
971
B41858C9107M***
120
12.5
× 25
2.038 0.842
0.204
0.188
864
1296
B41858C9127M***
180
12.5
× 30
1.732 0.561
0.173
0.159
1009
1514
B41858C9187M***
180
16
× 20
1.313 0.561
0.131
0.122
1119
1678
B41858D9187M***
220
16
× 25
0.985 0.459
0.099
0.091
1402
2103
B41858C9227M***
270
12.5
× 40
1.314 0.374
0.131
0.121
1309
1963
B41858C9277M***
270
18
× 20
1.260 0.374
0.126
0.119
1220
1830
B41858D9277M***
330
16
× 31.5
0.973 0.306
0.097
0.090
1546
2319
B41858C9337M***
330
18
× 25
1.008 0.306
0.101
0.095
1477
2215
B41858D9337M***
390
18
× 31.5
0.720 0.259
0.072
0.068
1907
2861
B41858C9397M***
470
18
× 35
0.679 0.215
0.068
0.063
2061
3092
B41858C9477M***
560
18
× 35
0.679 0.180
0.068
0.063
2061
3092
B41858C9567M***
680
18
× 40
0.438 0.149
0.044
0.042
2683
4025
B41858C9687M***
B41858
Low impedance
105
°C
Page 13 of 33
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com