Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CST1-030L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # CST1-030L
Description  SMT Current Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CST1-030L Datasheet(HTML) 2 Page - Coilcraft lnc.

  CST1-030L Datasheet HTML 1Page - Coilcraft lnc. CST1-030L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
CST Series Current Sensors
Specifications subject to change without notice.
Please check our website for latest information.
0.079 ±0.008
2,0 ±0,2
0.073 ±0.008
1,85 ±0,2
0.023 ±0.008
0,6 ±0,2
0.320
8,13
Color dot by
pin 1 indicates
part number
max
0.004 / 0,10
0.047
1,2
0.118
3,0
0.051
1,3
0.051
1,3
0.063
1,6
0.098
2,5
0.106
2,7
0.073
1,85
Recommended Land Pattern
0.315
8,0
0.230
5,84
0.240
6,10
0.209
5,3
max
max
Dimensions
Document 385-2
Document 385-2
Revised 06/11/09
Weight:
11.0 – 11.9 g
Tape and reel:
250/7
″ reel; 1000/13″ reel 16 mm tape width
For packaging data see Tape and Reel Specifications section.
80
70
60
50
40
30
20
0
10
Current (A rms)
4
2
08
612
10
16
18
14
20
Temperature Rise vs Current
Pinouts
8
7
3
4
1
6
7
8
3
4
1
6
CST1
Bottom View
Bottom View
CST2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com