Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-3113 Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # PD-3113
Description  1.3 關m WDM PIN PHOTODIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-3113 Datasheet(HTML) 1 Page - Optoway Technology Inc

  PD-3113 Datasheet HTML 1Page - Optoway Technology Inc PD-3113 Datasheet HTML 2Page - Optoway Technology Inc PD-3113 Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Optoway
PD-3100
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/9/2009 V2.0
1.3
μm WDM PIN PHOTODIODES
PD-3100 SERIES
****************************************************************************************************************************************************************
FEATURES
High responsivity at 1310 nm
High attenuation at 1550 nm
Low dark current
Quick pulse response
Hermetically sealed 3-pin metal case
Active diameter 75 μm
DESCRIPTION
PD-3100 series InGaAsP Photodiode are suited to receive the light at the wavelength 1310 nm. With high
reliability and high isolation between 1310 nm and 1550 nm (at least 30 dB), PD-3100 series are the best
choice for 1310 nm / 1550 nm WDM telecom and datacom application.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25ºC)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Active Area
75
μ
m
Detection Range
1260
1310
1360
nm
R
Responsivity
VR=5V, λ=1300nm
λ=1550nm
0.8
-
0.005
A/W
Idark
Dark Current
VR=5V
0.3
0.7
nA
C
Capacitance
VR=5V
0.7
0.9
pF
Tr /Tf
Rise/Fall Time
VR=5V, 10~90%
0.3
ns
BW
Bandwidth
VR=5V
2
GHz
ABSOLUTE MAXIMUM RATINGS
(TC=25 ºC)
Symbol
Parameter
Ratings
Unit
Po
Input Optical Power
10
mW
VRD
Reverse Voltage
20
V
IFD
Forward Current
10
mA
Topr
Operating Temperature
-40~+85
ºC
Tstg
Storage Temperature
-40~+85
ºC


Similar Part No. - PD-3113

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-3100 OPTOWAY-PD-3100 Datasheet
84Kb / 2P
InGaAs PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
1.3 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
1.55 關m WDM PIN PHOTODIODES
PD-3100 OPTOWAY-PD-3100 Datasheet
126Kb / 3P
InGaAs PIN PHOTODIODES
PD-3100-100 OPTOWAY-PD-3100-100 Datasheet
84Kb / 2P
InGaAs PIN PHOTODIODES
More results

Similar Description - PD-3113

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7866 HAMAMATSU-L7866 Datasheet
124Kb / 2P
Peak emission wavelength: 1.3 關m
logo
KODENSHI_AUK CORP.
HPI6FFR4 KODENSHI-HPI6FFR4 Datasheet
124Kb / 2P
PIN PHOTODIODES
HPI6FER2 KODENSHI-HPI6FER2 Datasheet
69Kb / 2P
PIN PHOTODIODES
HPI6FGR4 KODENSHI-HPI6FGR4 Datasheet
69Kb / 2P
PIN PHOTODIODES
logo
Optoway Technology Inc
PD-3100 OPTOWAY-PD-3100 Datasheet
85Kb / 2P
1.3 關m WDM PIN PHOTODIODES
PD-5100 OPTOWAY-PD-5100 Datasheet
85Kb / 2P
1.55 關m WDM PIN PHOTODIODES
PT-33100 OPTOWAY-PT-33100 Datasheet
92Kb / 2P
5V / 1.3 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-33130 OPTOWAY-PT-33130 Datasheet
94Kb / 2P
3.3V / 1.3 關m / 155 Mbps InGaAs PIN-TIA Receiver
PT-35130 OPTOWAY-PT-35130 Datasheet
94Kb / 2P
3.3V / 1.3 關m / 622 Mbps InGaAs PIN-TIA Receiver
PD-5100 OPTOWAY-PD-5100_09 Datasheet
128Kb / 3P
1.55 關m WDM PIN PHOTODIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com