Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65815 Datasheet(PDF) 2 Page - EPCOS

Part # B65815
Description  Ferrites and accessories
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65815 Datasheet(HTML) 2 Page - EPCOS

  B65815 Datasheet HTML 1Page - EPCOS B65815 Datasheet HTML 2Page - EPCOS B65815 Datasheet HTML 3Page - EPCOS B65815 Datasheet HTML 4Page - EPCOS B65815 Datasheet HTML 5Page - EPCOS B65815 Datasheet HTML 6Page - EPCOS B65815 Datasheet HTML 7Page - EPCOS B65815 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 62317-4
■ Optimized core cross section and increased
thickness of base for power applications
■ Without center hole
■ Delivery mode: sets
Magnetic characteristics (per set)
Σl/A= 0.39 mm–1
le
= 57 mm
Ae
= 146 mm2
Amin = 125 mm2
Ve
= 8320 mm3
Approx. weight 45 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code
-E without center hole
N41
160
±3%
1.30
50
B65815E0160A041
250
±3%
0.70
78
B65815E0250A041
400
±5%
0.35
124
B65815E0400J041
1000
±5%
0.12
311
B65815E1000J041
Material
AL value
nH
µ
e
PV
W/set
Ordering code
-E without center hole
N30
8700 +30/–20%
2700
B65815E0000R030
N49
3700 +30/–20%
1150
< 1.41 ( 50 mT, 500 kHz, 100
°C) B65815E0000R049
N87
5300 +30/–20%
1640
< 4.50 (200 mT, 100 kHz, 100
°C) B65815E0000R087
N97
5300 +30/–20%
1640
< 3.60 (200 mT, 100 kHz, 100
°C) B65815E0000R097
N41
6000 +30/–20%
1860
< 1.50 (200 mT, 25 kHz, 100
°C) B65815E0000R041
FRM0300-E
13,4 min.
ø25+1
1,2
29,8
1,2
29,8
1,5
37,6 _
0,4
ø12,8 _
B65815
Core
RM 12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com