Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA0307R22ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # AA0307R22ML
Description  AXIAL INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AA0307R22ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  AA0307R22ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp AA0307R22ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp AA0307R22ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp AA0307R22ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp AA0307R22ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp AA0307R22ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AA0307□□□□L□-□□□
2nd Color:Second Significant Figure
1st Color:First Significant Figure
b﹒Wire:Enamelled copper wire ( class B )
e﹒Remark:Products comply with RoHS' requirements
c﹒Terminal:Cu/Ni/Sn
g﹒Rated cuttent:Base on temp. rise
f﹒Dielectric withstanding voltage:250 Vrms
e﹒Terminal bending strength:0.3 KG min
d﹒Terminal tensile strength:1.0 KG min
c﹒Operating temp:-55℃---- +105℃
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Temp. rise:20℃ max.
b﹒Ambient temp:60℃ max.
d﹒Coating: Epoxy resin
AR-001A
d
c
REF : 20091221-C
C
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅲ﹒MATERIALS:
a﹒Core:Ferrite DR core
NAME
PROD.
B
b
a
4th Color:Tolerance
3rd Color:Multiplier
※Color code:
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
AXIAL INDUCTOR
W :
0.50
C
: 61.0 ref.
B
:
7.5 max.
A
:
3.0 max.
ψ
ABC'S DWG NO.
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - AA0307R22ML

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0300-10-3X BARRY-AA0300-10-3X Datasheet
190Kb / 1P
Aluminum Nitride
8/28/07
AA0300-100-13X BARRY-AA0300-100-13X Datasheet
81Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
AA0300-100-3X BARRY-AA0300-100-3X Datasheet
569Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Revision Date 10/31/06
AA0300-100-9X BARRY-AA0300-100-9X Datasheet
145Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. A
AA0300-150-1X BARRY-AA0300-150-1X Datasheet
189Kb / 1P
Aluminum Nitride 3 dB FLANGED ATTENUATOR
Rev. C
More results

Similar Description - AA0307R22ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
AXIAL INDUCTOR
20080714-A
AA0410R10ML ABC-AA0410R10ML Datasheet
126Kb / 7P
AXIAL INDUCTOR
20080714-B
AA0512330KL ABC-AA0512330KL Datasheet
131Kb / 6P
AXIAL INDUCTOR
20090325-B
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
Molded Axial Inductor
logo
Allied Components Inter...
AC45 ALLIED-AC45 Datasheet
263Kb / 1P
Axial Coated Inductor
logo
Abracon Corporation
AIAP-05 ABRACON-AIAP-05 Datasheet
2Mb / 2P
Axial Power Inductor
10.16.12
logo
XFMRS Inc.
ALXFNR0510-102K XFMRS-ALXFNR0510-102K Datasheet
33Kb / 1P
Axial Leaded Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com