Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JBW030F Datasheet(PDF) 13 Page - Lineage Power Corporation

Part # JBW030F
Description  36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JBW030F Datasheet(HTML) 13 Page - Lineage Power Corporation

Back Button JBW030F Datasheet HTML 8Page - Lineage Power Corporation JBW030F Datasheet HTML 9Page - Lineage Power Corporation JBW030F Datasheet HTML 10Page - Lineage Power Corporation JBW030F Datasheet HTML 11Page - Lineage Power Corporation JBW030F Datasheet HTML 12Page - Lineage Power Corporation JBW030F Datasheet HTML 13Page - Lineage Power Corporation JBW030F Datasheet HTML 14Page - Lineage Power Corporation JBW030F Datasheet HTML 15Page - Lineage Power Corporation JBW030F Datasheet HTML 16Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Lineage Power
13
Data Sheet
March 27, 2008
36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
JBW030-Series Power Module: dc-dc Converters
Thermal Considerations (continued)
Heat Sink Selection (continued)
8-1052(C).a
Figure 22. Case-to-Ambient Thermal Resistance
vs. Air Velocity Curves; Either
Orientation
Although the previous example uses 100 °C as the
maximum case temperature, for extremely high reliabil-
ity applications, one can use a lower temperature for
TC, max.
It is important to point out that the thermal resistances
shown in Figure 22 are for heat transfer from the sides
and bottom of the module as well as the top side with
the attached heat sink; therefore, the case-to-ambient
thermal resistances shown will generally be lower than
the resistance of the heat sink by itself. The data in Fig-
ure 22 was taken with a thermally conductive dry pad
between the case and the heat sink to minimize contact
resistance (typically 0.1 °C/W to 0.3 °C/W).
For a more detailed explanation of thermal energy
management for this series of power modules as well
as more details on available heat sinks, please request
the following technical note: Thermal Energy Manage-
ment for JC- and JW-Series 30 Watt Board-Mounted
Power Modules (TN97-016EPS).
Layout Considerations
Copper paths must not be routed beneath the power
module standoffs.
0
0.25
(50)
0.51
(100)
0.76
(150)
1.02
(200)
1.78
(350)
2.03
(400)
0
5
6
7
8
AIR VELOCITY, ms -1(ft./min.)
4
3
2
1
1.27
(250)
1.52
(300)
NO HEAT SINK
1/4 in. HEAT SINK
1/2 in. HEAT SINK
1 in. HEAT SINK
1 1/2 in. HEAT SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com