Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66307 Datasheet(PDF) 2 Page - EPCOS

Part # B66307
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66307 Datasheet(HTML) 2 Page - EPCOS

  B66307 Datasheet HTML 1Page - EPCOS B66307 Datasheet HTML 2Page - EPCOS B66307 Datasheet HTML 3Page - EPCOS B66307 Datasheet HTML 4Page - EPCOS B66307 Datasheet HTML 5Page - EPCOS B66307 Datasheet HTML 6Page - EPCOS B66307 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ To IEC 61246
■ E cores with high permeability
for common-mode chokes and
broadband applications
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 1.87 mm–1
le
= 37.6 mm
Ae
= 20.1 mm2
Amin = 19.4 mm2
Ve
= 756 mm3
Approx. weight 3.6 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Material
AL-Wert
nH
µ
e
PV
W/set
Ordering code
N30
1400 +30/–20%
2080
B66307G0000X130
T46
5100
±30%
7590
B66307F0000X146
N27
950 +30/–20%
1410
< 0.14 (200 mT, 25 kHz, 100 °C)
B66307G0000X127
N87
1000 +30/–20%
1490
< 0.36 (200 mT, 100 kHz, 100 °C)
B66307G0000X187
Material
g
mm
AL value
approx.
nH
µ
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.06
±0.01
303
450
B66307G0060X1**
N87
0.10
±0.02
212
315
B66307G0100X1**
0.50
±0.05
69
102
B66307G0500X1**
FEK0096-R
0.4
4.7 _
0.3
4.7 _
11.3+0.6
+0.7
0.5
16 _
B66307
Core
E 16/8/5 (EF 16)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com