Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66232 Datasheet(PDF) 2 Page - EPCOS

Part # B66232
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66232 Datasheet(HTML) 2 Page - EPCOS

  B66232 Datasheet HTML 1Page - EPCOS B66232 Datasheet HTML 2Page - EPCOS B66232 Datasheet HTML 3Page - EPCOS B66232 Datasheet HTML 4Page - EPCOS B66232 Datasheet HTML 5Page - EPCOS B66232 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■ Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 1.12 mm–1
le
= 67 mm
Ae
= 60 mm2
Amin = 49 mm2
Ve
= 4000 mm3
Approx. weight 22 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”)
Validity range:
K1, K2: 0.10 mm < s < 2.00 mm
K3, K4: 560 nH < AL < 60 nH
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N30
3100 +30/–20%
2760
B66319G0000X130
N27
1700 +30/–20%
1510
< 0.81 (200 mT, 25 kHz, 100 °C)
B66319G0000X127
N87
1900 +30/–20%
1690
< 2.20 (200 mT, 100 kHz, 100 °C)
B66319G0000X187
Material
g
mm
AL value
approx.
nH
µ
e
Ordering code
** = 27 (N27)
** = 87 (N87)
N27,
0.10
±0.02
460
410
B66319G0100X1**
N87
0.18
±0.02
300
265
B66319G0180X1**
0.34
±0.02
195
175
B66319G0340X1**
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
90
–0.708
156
–0.847
144
–0.865
N87
90
–0.708
154
–0.796
140
–0.873
B66319
Core
E 30/15/7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com