Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66243 Datasheet(PDF) 2 Page - EPCOS

Part # B66243
Description  Ferrites and accessories
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66243 Datasheet(HTML) 2 Page - EPCOS

  B66243 Datasheet HTML 1Page - EPCOS B66243 Datasheet HTML 2Page - EPCOS B66243 Datasheet HTML 3Page - EPCOS B66243 Datasheet HTML 4Page - EPCOS B66243 Datasheet HTML 5Page - EPCOS B66243 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 61246
■
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A = 0.41 mm–1
le
= 97 mm
Ae
= 234 mm2
Amin = 229 mm2
Ve
= 22700 mm3
Approx. weight 116 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”)
Validity range:
K1, K2: 0.10 mm < s < 3.00 mm
K3, K4: 160 nH < AL < 1500 nH
Material
AL value
nH
μ
e
PV
W/set
Ordering code
N27
4750 +30/–20%
1560
< 4.4 (200 mT, 25 kHz, 100 °C)
B66329G0000X127
N87
5200 +30/–20%
1690
< 12.0 (200 mT, 100 kHz, 100 °C)
B66329G0000X187
Material
g
mm
AL value
approx.
nH
μ
e
Ordering code
N27
0.25
±0.02
1029
338
B66329G0250X127
0.50
±0.05
603
198
B66329G0500X127
1.00
±0.05
354
116
B66329G1000X127
1.50
±0.05
259
85
B66329G1500X127
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N27
354
–0.770
574
–0.847
534
–0.865
N87
354
–0.770
555
–0.796
521
–0.873
B66329
Core
E 42/21/20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com