Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR04034R7ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # ESR04034R7ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR04034R7ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  ESR04034R7ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR04034R7ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR04034R7ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR04034R7ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR04034R7ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR04034R7ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR04034R7ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ESR0403□□□□L□-□□□
200
-(1.0 ~ 5.0)
/ sec max.
℃
Forced Cooling Area
m/m
m/m
m/m
m/m
m/m
m/m
m/m
a
a﹒Core:Ferrite DR core
b﹒Wire :Enamelled copper wire (Class F & H)
c﹒Terminal: Ag/Ni/Sn
d﹒Remark:Products comply with RoHS'
b﹒Operating temp.:-40℃----+105℃
a﹒Storage temp.:-40℃ ----+125℃
c﹒Resistance to solder heat:245±5℃.10 secs.
Ⅳ﹒GENERAL SPECIFICATION:
Ⅲ﹒MATERIALS:
AR-001A
Max time above 200℃ :60sec max.
Peak Temp:245±5℃
requirements
100
0
50
50
200
150
250
Time ( seconds )
100
150
60sec max.
Preheat Area
150 ~ 200
/ 60 ~ 120sec
℃
+4.0
/ sec max.
℃
Temperature
Rising Area
c
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
NAME
PROD.
REF :
G
:
1.5 ref.
D
( PCB Pattern )
I
G
H
:
4.5 ref.
I
:
5.0 ref.
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
A
SMD POWER INDUCTOR
A
:
4.5±0.3
B
:
4.0±0.3
C
:
3.2±0.3
D
:
1.2 ref.
P eak Temperature:
250
245±5
℃
b
PAGE: 1


Similar Part No. - ESR04034R7ML

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
Anti-surge Chip Resistors 2kV to 5kV electrostatic discharge resistance.
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR01 ROHM-ESR01 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR01 ROHM-ESR01 Datasheet
877Kb / 7P
Anti-surge chip resistors
2020.07 - Rev.J
More results

Similar Description - ESR04034R7ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com