Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR0604180ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # ESR0604180ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0604180ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  ESR0604180ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0604180ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0604180ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0604180ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0604180ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0604180ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR0604180ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4). Rated current: The DC current at which the inductance decreases to 90% of
it's initial value or when Δt=40
,whichever is lower(Ta=20)
℃℃
AR-001A
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISITCS:
SMD POWER INDUCTOR
( μH )
18±20%
10±20%
12±20%
15±20%
27±20%
39±20%
33±20%
100±10%
56±10%
82±10%
68±10%
47±20%
150±10%
180±10%
220±10%
120±10%
22±20%
Inductance
1). □:Packaging information… A:Bulk
B:Taping Reel
3). Inductance test condition :10uH~82uH at 1MHz/1V
100uH~220uH at 1KHz/1V
-□□□
ESR0604180ML□
-□□□
ESR0604101KL□
ESR0604151KL□
ESR0604121KL□
ESR0604181KL□
ESR0604221KL□
2)."-
":Reference code
□□□
-□□□
-□□□
-□□□
-□□□
ESR0604470ML□
ESR0604560KL□
ESR0604820KL□
ESR0604680KL□
ESR0604270ML□
ESR0604390ML□
ESR0604330ML□
ESR0604220ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
REF :
NAME
PROD.
ESR0604150ML□
ESR0604120ML□
ESR0604100ML□
DWG No.
-□□□
-□□□
-□□□
24.0
150
114
1.42
0.61
0.47
0.38
0.59
0.52
0.81
0.65
0.63
0.77
0.90
0.99
1.17
1.26
700
559
986
1222
900
599
1570
1380
1100
900
258
343
436
298
215
184
140
128
370
460
600
420
320
230
200
180
7.5
6.5
6.5
7.0
7.5
14.0
11.0
8.0
12.0
17.0
17.0
18.0
19.0
ESR0604□□□□L□-□□□
1.44
1.53
1.69
Rated Current
( A )
RDC
( mΩ )
typ.
69
87
62
max.
120
140
100
ABC'S DWG NO.
ABC'S ITEM NO.
ref.
29.0
26.0
32.0
SRF
(MHz)
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com