Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR0805220ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # ESR0805220ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR0805220ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  ESR0805220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR0805220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR0805220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR0805220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR0805220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR0805220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESR0805471KL□ -□□□
470±10%
1470
1700
0.40
3.6
1). □:Packaging information… A:Bulk B:Taping Reel
3). Inductance test condition :10uH~82uH at 1MHz/1V
4). Rated current: The DC current at which the inductance decreases to 90% of
it's initial value or when Δt=40
,whichever is lower(Ta=20)
℃℃
100uH~470uH at 1KHz/1V
AR-001A
2)."-
":Reference code
□
□ □
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SMD POWER INDUCTOR
ESR0805220ML□ -□□□
ESR0805101KL□ -□□□
ESR0805151KL□
ESR0805121KL□
ESR0805181KL□
ESR0805221KL□
ESR0805331KL□
ESR0805271KL□
ESR0805391KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
ESR0805470KL□
ESR0805560KL□
ESR0805820KL□
ESR0805680KL□
ESR0805270ML□
ESR0805390ML□
ESR0805330ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
ESR0805180ML□
ESR0805150ML□
ESR0805120ML□
ESR0805100ML□
DWG No.
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
110
22±20%
1.80
16.5
82
430
100±10%
320
360
515
576
750
1290
1020
870
220±10%
390±10%
330±10%
270±10%
120±10%
150±10%
180±10%
960
1110
1200
1500
470
640
710
94
137
117
200
300
230
165
47±10%
68±10%
82±10%
56±10%
33±20%
39±20%
27±20%
180
240
370
280
120
160
130
0.90
8.8
6.2
6.0
7.7
7.2
5.0
4.9
4.4
0.60
0.50
0.45
0.55
0.72
0.65
0.80
12.1
10.5
9.4
11.5
12.6
13.2
14.3
1.40
1.10
1.00
1.20
1.62
1.50
1.70
Rated Current
74
50
56
60
typ.
15±20%
18±20%
10±20%
12±20%
Inductance
( μH )
100
70
80
90
max.
RDC
( mΩ )
ABC'S DWG NO.
ABC'S ITEM NO.
SRF
17.6
22.5
25.8
27.5
typ.
(MHz)
2.05
1.90
2.20
2.45
( A )
ESR0805□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com