Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR04036R8ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # ESR04036R8ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR04036R8ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  ESR04036R8ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR04036R8ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR04036R8ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR04036R8ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR04036R8ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR04036R8ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR04036R8ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
180
MW-77
Polyesterimide
Estersol 180
E180
MW-79,
MW-80,
MW-28
MW-74
MW-79
MW-79
MW-75
MW-83
MW-79
MW-79
MW-82
MW-79
For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
Marking:Company name, material designation or marked designation and factory identification on package ok reel
MW-75
AR-001A
P155, G155
P180,G180
See General Information preceding These Recognitions
Pp155,Gp155
P170 or G170
Polysol 160
P160
Polysol-N 180
Polysol P155p
Polysol 180
Polysol 170
P155p
PN180
Polysol-N 155
Amldester 200
Polysol 155
Polysol 155p
Polysol 155g
Pg155
PN155
A200
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyurechane
Polyesterimide
Polyurechane
Polyurechane
Polyurechane
(solderable)
____
____
Nylon
____
____
____
____
____
____
Nylon
155
155
180
155
180
155
155,
130
155,
200
155
130
130
Typ
ANSI
JALAN DAMAI SATU JANDA BAIK 28750 BENTONG, PAHANG
SPECIFICATION FOR APPROVAL
Mark Dsg
Magnet Wire-Comporent
DARUL MAKMUR MALAYSIA
ELEKTRISOLA (MALAYSLA) SDN BHD
SMD POWER INDUCTOR
Mtl Dsg
OBMW2
NAME
REF :
PROD.
October 06, 2005
Coating Type
BC
____
OC
ABC'S ITEM NO.
ABC'S DWG NO.
E143312
Class
Temp
ESR0403□□□□L□-□□□
PAGE: 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com