Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESR1006180ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # ESR1006180ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

ESR1006180ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  ESR1006180ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp ESR1006180ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp ESR1006180ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp ESR1006180ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp ESR1006180ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp ESR1006180ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp ESR1006180ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3.3
1900
1359.0
0.40
560±10%
-□□□
ESR1006561KL□
820±10%
680±10%
1). □:Packaging information… A:Bulk
B:Taping Reel
3). Inductance test condition :10uH~82uH at 1MHz/1V
4). Rated current: The DC current at which the inductance decreases to 90% of
it's initial value or when Δt=40
,whichever is lower(Ta=20)
℃℃
100uH~820uH at 1KHz/1V
AR-001A
2)."-
":Reference code
□□□
ESR1006821KL□
ESR1006681KL□
-□□□
-□□□
0.25
0.30
1805.0
1559.0
2550
2250
2.2
2.8
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISITCS:
( μH )
18±20%
10±20%
12±20%
15±20%
27±20%
39±20%
33±20%
100±10%
56±10%
82±10%
68±10%
47±10%
150±10%
180±10%
220±10%
470±10%
390±10%
330±10%
270±10%
120±10%
22±20%
Inductance
ESR1006220ML□ -□□□
-□□□
ESR1006121KL□
ESR1006271KL□
ESR1006331KL□
ESR1006391KL□
ESR1006471KL□
ESR1006151KL□
ESR1006181KL□
ESR1006221KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
ESR1006270ML□
ESR1006390ML□
ESR1006330ML□
ESR1006101KL□
ESR1006560KL□
ESR1006820KL□
ESR1006680KL□
ESR1006470KL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
ESR1006180ML□
ESR1006150ML□
ESR1006120ML□
ESR1006100ML□
DWG No.
-□□□
-□□□
-□□□
-□□□
100
2.00
16.0
68.3
0.97
0.75
0.70
0.90
0.80
1.30
1.10
1.00
1.20
1.40
1.50
1.80
0.45
0.50
0.55
0.60
400
301.0
711.0
1056.0
923.0
814.0
457.0
524.0
350.0
970
1300
1480
1150
630
730
470
201.0
262.0
176.0
141.0
111.0
126.0
87.6
96.9
250
350
190
220
140
170
110
120
6.6
4.3
3.3
3.3
4.3
6.1
5.3
6.6
8.8
7.3
9.4
10.2
11.0
12.0
12.1
13.3
ESR1006□□□□L□-□□□
2.15
2.30
2.45
2.60
Rated Current
( A )
RDC
( mΩ )
34.2
43.6
60.7
36.9
typ.
60
80
90
70
max.
ABC'S DWG NO.
ABC'S ITEM NO.
25.0
19.8
19.3
23.0
(MHz)
ref.
SRF
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com