Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM150 Datasheet(PDF) 2 Page - Transys Electronics

Part # AM150
Description  1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

AM150 Datasheet(HTML) 2 Page - Transys Electronics

  AM150 Datasheet HTML 1Page - Transys Electronics AM150 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 Volts
2.
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with
0.47×0.47”(12×12mm) copper pads
RATING AND CHARACTERISTIC CURVES
AM100/150 THRU AM1010/1510
Fig. 1-MAXIMUM NON-REPETITIVE SURGE CURRENT Fig. 2-DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
Fig. 3-TYPICAL FORWARD CHARACTERISTICS
Fig. 4-TYPICAL REVERSE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com