Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4532 Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # MB4532
Description  HIGH CURRENT MULTILAYER CHIP BEAD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MB4532 Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  MB4532 Datasheet HTML 1Page - ABC Taiwan Electronics Corp MB4532 Datasheet HTML 2Page - ABC Taiwan Electronics Corp MB4532 Datasheet HTML 3Page - ABC Taiwan Electronics Corp MB4532 Datasheet HTML 4Page - ABC Taiwan Electronics Corp MB4532 Datasheet HTML 5Page - ABC Taiwan Electronics Corp MB4532 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
SPECIFICATION FOR APPROVAL
1). □:Paclaging Information… A:Bulk B:Taping Reel
30±25%
MB1608300YL□
AR-001A
MB3261310YL□
MB3261260YL□
MB3261190YL□
MB2029100YL□
MB2029070YL□
MB3261800YL□
MB2029300YL□
MB3261500YL□
7±25%
10±25%
30±25%
31±25%
80±25%
50±25%
26±25%
19±25%
DWG No.
PROD.
NAME
REF :
Impedance
at 100MHz
(Ω)
1.0
60
30
25
30
25
30
40
40
40
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
RDC
max.
(mΩ)
ABC'S DWG NO.
ABC'S ITEM NO.
(A)
max.
IDC
PAGE: 2-2
MB2029100YL□
MB3261500YL□
MB2029300YL□
MB3261800YL□
MB1608300YL□
MB2029070YL□
MB3261190YL□
MB3261260YL□
MB3261310YL□
MB□□□□□□□□L□-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
2)."-
":Reference code
□□□
HIGH CURRENT MULTILAYER
CHIP BEAD
20090527-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com