Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB4516 Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MB4516
Description  HIGH CURRENT MULTILAYER CHIP BEAD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MB4516 Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MB4516 Datasheet HTML 1Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 2Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 3Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 4Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 5Page - ABC Taiwan Electronics Corp MB4516 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Q'TY(kpcs)
120
30
80
MB4532
MB4516
MB3261
1,000
2,000
170
180
3,000
150
07 - 12
07 - 12
07 - 08
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
Series
07 - 12
07 - 08
Style
Inner : Reel
G.W. (gw)
Q'TY (pcs)
178
21±0.8
Style
13
12
A
178
B
21±0.8
C
13
D
8
41 x 39 x 22
9.3
9.7
8.5
-0
+0
50
Outer : Cartion
G.W. (Kg)
14
Size (cm)
16.5
50
G
10+0
Unit:m/m
N
-0
T
12.5
( 1 ) Configuration
Ⅵ﹒PACKAGING INFORMATION:
2.0±0.5
C
∮
G
T
Embossed Carrier
D
Cover Tape
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF :
PAGE: 3
4,000
4,000
MB1608
MB2029
200
90
07 - 08
07 - 08
120
200
7.0
8.5
PROD.
NAME
Components
200 m/m min.
no component
Leader
User direction of feed
400 m/m min.
no component
Trailer
End
P:4 m/m
4 m/m
Start
AR-001A
Carrier tape width : D
※
41 x 39 x 22
41 x 39 x 22
41 x 39 x 22
41 x 39 x 22
MB□□□□□□□□L□-□□□
HIGH CURRENT MULTILAYER
CHIP BEAD
20090527-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com