Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HP1004100M2 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # HP1004100M2
Description  SHIELDED SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP1004100M2 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  HP1004100M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP1004100M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP1004100M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP1004100M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP1004100M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP1004100M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
AR-001A
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
REF : 20090825-B
PAGE: 2
ABC'S DWG No.
ABC'S ITEM No.
PROD.
NAME
POWER INDUCTOR
SHIELDED SMD
0.19 ± 20 %
Inductance
DWG No.
L ( μH )
90.0
typ.
RDC
( mΩ )
1.0
max.
Isat(A)
40.0
4). Isat base on inductance drop 20% typ. of L value at 20℃
3). Measured frequency of inductance is 100 KHz / 0.25V
5). Irms base on temp. rise 40
typ.
℃
HP1004R19M2□-□□□
Irms(A)
typ.
1). □:Packaging information … A:Bulk B:Taping Reel
2). "-
":Reference code
□
□ □
0.36 ± 20 %
60.0
1.5
31.5
0.56 ± 20 %
49.0
27.5
1.00 ± 20 %
36.0
17.5
1.50 ± 20 %
27.5
15.0
0.9
1.3
1.7
4.0
5.5
2.20 ± 20 %
25.5
12.0
8.5
3.30 ± 20 %
18.5
12.0
10.0
11.0
4.70 ± 20 %
17.0
16.5
9.5
15.0
5.60 ± 20 %
16.0
19.5
8.5
18.0
6.80 ± 20 %
13.5
23.5
8.0
21.5
10.0 ± 20 %
12.0
36.5
6.5
33.5
HP1004R36M2□-□□□
HP1004R56M2□-□□□
HP10041R0M2□-□□□
HP10041R5M2□-□□□
HP10042R2M2□-□□□
HP10043R3M2□-□□□
HP10044R7M2□-□□□
HP10045R6M2□-□□□
HP10046R8M2□-□□□
HP1004100M2□-□□□
typ.
HP1004□□□□2□-□□□
2.0
4.5
6.0
9.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com