Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1608 Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MB1608
Description  HIGH CURRENT MULTILAYER CHIP BEAD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MB1608 Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MB1608 Datasheet HTML 1Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 2Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 3Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 4Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 5Page - ABC Taiwan Electronics Corp MB1608 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
(Ω)
DWG No.
MB4532700YL□
120±25%
70±25%
at 100MHz
Impedance
(A)
(mΩ)
max.
30
6.0
max.
RDC
IDC
MB4532121YL□
MB4532131YL□
MB4516600YL□
MB4516750YL□
MB4516800YL□
125±25%
60±25%
75±25%
80±25%
50
50
10
25
50
3.0
3.0
6.0
3.0
3.0
SPECIFICATION FOR APPROVAL
ABC'S ITEM NO.
ABC'S DWG NO.
REF : 20090527-A
PAGE: 2-1
PROD.
NAME
1). □:Paclaging Information… A:Bulk
B:Taping Reel
AR-001A
MB4532700YL□
MB4532121YL□
MB4532131YL□
MB4516600YL□
MB4516750YL□
MB4516800YL□
MB□□□□□□□□L□-□□□
2)."-
":Reference code
□
□ □
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
HIGH CURRENT MULTILAYER
CHIP BEAD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com