Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS2029R39ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MS2029R39ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS2029R39ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MS2029R39ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS2029R39ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MS20□□□□□□L□-□□□
41 x 39 x 22
SPECIFICATION FOR APPROVAL
Carrier tape width : D
※
no component
Size (cm)
41 x 39 x 22
400 m/m min.
AR-001A
07 - 08
07 - 08
120
MS2029
4,000
3,000
MS2022
142
A
178
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per package
Series
Style
07 - 08
Inner : Reel
G.W. (gw)
21±0.8
B
200,000
8.5
150,000
9.8
Q'TY(pcs)
Style
13
C
8
D
Outer : Carton
G.W. (Kg)
10
G
+0
50
N
-0
User direction of feed
Components
200 m/m min.
( 2 ) Dimensions
no component
Leader
End
P:4 m/m
4 m/m
G
Embossed Carrier
REF : 20090811-A
NAME
Ⅶ﹒:
PACKAGING INFORMATION
PROD.
MULTILAYER CHIP INDUCTOR
2.0±0.5
C
∮
( 1 ) Confihuration
T
ABC'S ITEM NO.
ABC'S DWG NO.
12.5
T
Unit:m/m
Trailer
Start
D
Cover Tape
PAGE: 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com