Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS16082R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MS16082R2ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS16082R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MS16082R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS16082R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS16082R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS16082R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS16082R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS16082R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1). □:Packaging Information… A:Bulk B:Taping Reel
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
MS16082R2ML□-□□□
35
2.200±20%
AR-001A
2)."-
":Reference code
MS16082R7ML□-□□□
MS16083R3ML□-□□□
MS16083R9ML□-□□□
MS16084R7ML□-□□□
MS16086R8ML□-□□□
MS16088R2ML□-□□□
MS16085R6ML□-□□□
□
MS1608100ML□-□□□
□□
35
8.200±20%
10.000±20%
30
2.700±20%
6.800±20%
5.600±20%
4.700±20%
3.900±20%
3.300±20%
35
35
35
35
35
35
MS1608R15ML□-□□□
15
0.150±20%
MS16081R8ML□-□□□
MS16081R5ML□-□□□
MS16081R2ML□-□□□
MS16081R0ML□-□□□
MS1608R82ML□-□□□
MS1608R68ML□-□□□
MS1608R56ML□-□□□
MS1608R47ML□-□□□
MS1608R39ML□-□□□
MS1608R33ML□-□□□
MS1608R27ML□-□□□
MS1608R22ML□-□□□
MS1608R18ML□-□□□
15
0.560±20%
1.200±20%
1.000±20%
0.820±20%
1.800±20%
1.500±20%
0.680±20%
35
35
35
15
35
15
0.330±20%
0.270±20%
0.220±20%
0.470±20%
0.390±20%
0.180±20%
15
15
15
15
15
15
MULTILAYER CHIP INDUCTOR
MS1608R12ML□-□□□
MS160882NML□-□□□
MS1608R10ML□-□□□
MS160868NML□-□□□
MS160847NML□-□□□
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
DWG No.
NAME
PROD.
REF :
Inductance
0.082±20%
0.047±20%
0.068±20%
0.100±20%
0.120±20%
( μH )
10
15
15
10
10
min
Q
15
1.15
50
10
18
4
2
17
10
4
4
10
10
10
33
20
22
40
35
45
5
2.10
1.853
2.10
1.70
1.55
1.35
1.55
1.70
15
5
5
15
15
15
50
0.60
25
180
95
25
10
10
10
25
10
25
60
55
65
85
75
90
25
25
25
25
25
25
110
105
125
136
150
165
35
1.55
0.80
0.95
0.80
2.10
0.60
1.70
25
25
25
35
25
35
0.85
1.35
1.00
0.80
0.80
0.60
35
35
35
50
50
50
MS1608□□□□L□-□□□
Test Freq.
50
25
25
50
(MHz)
50
250
240
205
245
( MHz )
min
260
SRF
0.30
0.30
0.50
0.50
( Ω )
RDC
0.30
max
50
50
50
50
( mA )
max
50
IDC
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com