Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS20291R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MS20291R2ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS20291R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MS20291R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS20291R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS20291R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS20291R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS20291R2ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS20291R2ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MULTILAYER CHIP INDUCTOR
:
::
1). □
Packaging Information… A
Bulk B
Taping Reel
SPECIFICATION FOR APPROVAL
Ⅴ﹒:
ELECTRICAL CHARACTERISTICS
min
-□□□
MS20292R2ML□
2.200±20%
AR-001A
2) ."-
":Reference code
MS20222R7ML□
MS20223R3ML□
MS20223R9ML□
MS20224R7ML□
MS20225R6ML□
MS20226R8ML□
□□□
2.700±20%
6.800±20%
3.900±20%
4.700±20%
5.600±20%
3.300±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
MS2029R15ML□
MS2029R18ML□
MS2029R22ML□
MS2029R27ML□
MS2029R33ML□
MS2029R47ML□
MS2029R56ML□
MS2029R68ML□
MS2029R39ML□
MS2029R82ML□
MS20291R0ML□
MS20291R2ML□
MS20291R8ML□
MS20291R5ML□
0.560±20%
0.680±20%
1.000±20%
1.200±20%
1.500±20%
1.800±20%
0.820±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
0.150±20%
0.180±20%
0.220±20%
0.270±20%
0.330±20%
0.390±20%
0.470±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
MS202947NML□
MS202968NML□
MS202982NML□
MS2029R12ML□
MS2029R10ML□
DWG No.
NAME
PROD.
REF :
0.082±20%
0.047±20%
0.068±20%
0.100±20%
0.120±20%
Inductance
-□□□
-□□□
-□□□
-□□□
-□□□
( μH )
30
0.65
50
10
45
45
38
35
29
32
41
10
10
10
4
4
10
45
50
50
45
45
45
0.90
0.90
1.00
1.00
0.80
0.75
30
15
15
30
30
30
185
200
170
150
145
125
105
115
135
75
65
55
60
100
25
25
10
10
10
10
25
45
45
45
45
25
25
25
25
25
25
25
25
25
25
20
25
25
20
20
20
20
0.40
0.50
0.60
0.50
1.00
0.80
0.75
50
50
50
50
150
150
150
0.50
0.65
0.65
0.55
0.40
0.50
0.40
250
250
200
200
250
250
250
255
SRF
min
320
280
220
235
( MHz )
50
50
(MHz)
50
25
25
Test Freq.
15
20
20
15
15
Q
ABC'S DWG NO.
ABC'S ITEM NO.
0.20
0.30
0.30
0.20
max
0.20
RDC
( Ω )
300
300
250
250
IDC
300
max
( mA )
MS20□□□□□□L□-□□□
PAGE: 2
20090811-A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com