Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3261R39ML Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # MS3261R39ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS3261R39ML Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  MS3261R39ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS3261R39ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS3261R39ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS3261R39ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS3261R39ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS3261R39ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
User direction of feed
Q'TY (pcs)
120,000
Components
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
G
AR-001A
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
Series
Q'TY (pcs)
MS3261
3,000
07 - 08
Style
178
A
G.W. (gw)
Style
07 - 08
150
Inner : Reel
21±0.8
B
13
C
8
D
no component
Leader
200 m/m Min.
End
P:4 m/m
4 m/m
REF :
PROD.
NAME
2.0±0.5
MULTILAYER CHIP INDUCTOR
Ⅶ﹒PACKAGING INFORMATION:
C
∮
( 1 ) Configuration
T
Embossed Cappier
Unit:m/m
41 x 39 x 22
Size (cm)
G.W. (Kg)
8.5
Outer : Carton
10+0
G
-0
50
N
12.5
T
no component
Trailer
400 m/m Min.
Carrier tape width : D
※
Start
MS3261□□□□L□-□□□
Cover Tape
D
PAGE: 4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com