Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3261R27ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # MS3261R27ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS3261R27ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  MS3261R27ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS3261R27ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS3261R27ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS3261R27ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS3261R27ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS3261R27ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
1). □:Packaging Information… A:Bulk B:Taping Reel
MULTILAYER CHIP INDUCTOR
MS32612R7ML□
2.700±20%
-□□□
AR-001A
MS3261100ML□
MS32618R2ML□
MS32616R8ML□
MS32615R6ML□
MS32614R7ML□
MS32613R9ML□
MS32613R3ML□
2)."-
":Reference code
□
□ □
10.000±20%
-□□□
3.900±20%
4.700±20%
6.800±20%
8.200±20%
5.600±20%
3.300±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
MS3261R18ML□ -□□□
MS32612R2ML□
MS32611R8ML□
MS32611R5ML□
MS32611R2ML□
MS32611R0ML□
MS3261R82ML□
MS3261R68ML□
MS3261R56ML□
MS3261R47ML□
MS3261R39ML□
MS3261R33ML□
MS3261R27ML□
MS3261R22ML□
0.680±20%
-□□□
1.000±20%
1.200±20%
1.800±20%
2.200±20%
1.500±20%
0.820±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
0.180±20%
0.220±20%
0.270±20%
0.330±20%
0.470±20%
0.560±20%
0.390±20%
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
MS3261R15ML□
MS3261R12ML□
MS3261R10ML□
MS326168NML□
DWG No.
MS326147NML□
NAME
PROD.
REF :
( μH )
0.047±20%
0.068±20%
0.120±20%
0.150±20%
0.100±20%
Inductance
-□□□
-□□□
-□□□
-□□□
-□□□
50
0.60
45
45
10
24
502
10
10
4
4
4
10
50
50
50
45
45
45
29
26
32
38
35
41
25
1.00
0.80
0.90
0.70
0.80
0.90
0.70
25
25
25
50
50
50
105
25
25
10
10
10
10
10
25
45
45
45
45
45
25
55
50
60
75
65
100
25
25
25
25
25
25
25
20
25
25
25
20
20
20
145
125
115
135
150
185
170
0.80
150
0.50
0.60
0.50
0.40
0.50
0.90
50
50
50
100
100
150
0.60
0.60
0.70
0.50
0.50
0.40
0.40
250
150
200
200
250
250
250
SRF
min.
( MHz )
50
(MHz)
50
25
25
25
Test Freq.
20
20
20
20
min
20
Q
280
220
200
235
320
ABC'S DWG NO.
ABC'S ITEM NO.
0.25
0.30
0.30
0.25
max
0.15
RDC
( Ω )
300
250
250
250
IDC
max
300
( mA )
MS3261□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com