Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS3261R15ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # MS3261R15ML
Description  MULTILAYER CHIP INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

MS3261R15ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  MS3261R15ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp MS3261R15ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp MS3261R15ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp MS3261R15ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp MS3261R15ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp MS3261R15ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
Temperatu re
+4.0
/ sec max.
℃
Rising Area
Max time above 230℃ :5 0sec max.
Max time above 200℃ :7 0sec max.
Peak Temp:260℃ max.
d﹒Remark:Products comply with RoHS' requirements
AR-001A
Type
F ( kgf )
time ( sec )
b﹒Operating temp.:-55℃ ---- +125℃
a﹒Storage temp.:-40℃---- +105℃
Ⅳ﹒GENERAL SPECIFICATION:
Solder temp. : 260±5℃
Flux : Rosin
Dip time : 4±1 seconds
Solder : Sn96.5 / Ag3 / Cu0.5
MS3261
1.0
d﹒Solderability:
c﹒Terminal storength:
250
30±5
or equivalent
100
0
50
150
200
F
NAME
PROD.
REF :
b﹒Internal conductor:Silver or Ag / Pd
Ⅱ﹒SCHEMATIC DIAGRAM:
a﹒Body:Ferrite
Ⅲ﹒MATERIALS:
c﹒Terminal:Cu/Sn
Series
MS3261
A
3.20±0.20
B
1.60±0.20
C
1.10±0.20
B
A
D
Ⅰ﹒CONFIGURATION & DIMENSIONS:
MULTILAYER CHIP INDUCTOR
D
+2.0 ~ 4.0℃
/ sec max.
Reflow Area
70sec max.
100
50
Time ( seco nd s )
150
Preheat Area
150 ~ 200
/ 60 ~ 120sec
℃
260℃
200
250
50sec max.
230℃
-(1 .0 ~ 5.0)
/ sec max.
℃
P eak Temperature:
Forced Coo ling Area
I
G
I
( PCB Pattern )
a
D
0.60±0.40
G
2.2
c
b
Unit : m/m
I
H
1.4
1.1
MS3261□□□□L□-□□□
PAGE: 1


Similar Part No. - MS3261R15ML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MS32 TI-MS32 Datasheet
403Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
AMR Switching-Sensor
logo
Zibo Seno Electronic En...
MS320 ZSELEC-MS320 Datasheet
136Kb / 2P
3.0A SCHOTTKY BARRIER DIODE
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
115.2 kbps infrared transceiver module
logo
AMETHERM Circuit Protec...
MS320R536 AMETHERM-MS320R536 Datasheet
153Kb / 1P
Circuit Protection Thermistors
More results

Similar Description - MS3261R15ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
MH10051N0D2 ABC-MH10051N0D2 Datasheet
110Kb / 6P
MULTILAYER CHIP INDUCTOR
MH10051N0DL ABC-MH10051N0DL Datasheet
101Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0D2 ABC-MH16081N0D2 Datasheet
153Kb / 6P
MULTILAYER CHIP INDUCTOR
MH16081N0DL ABC-MH16081N0DL Datasheet
393Kb / 5P
MULTILAYER CHIP INDUCTOR
MH20121N2DL ABC-MH20121N2DL Datasheet
106Kb / 6P
MULTILAYER CHIP INDUCTOR
MS202947NML ABC-MS202947NML Datasheet
183Kb / 6P
MULTILAYER CHIP INDUCTOR
MS160847NML ABC-MS160847NML Datasheet
187Kb / 6P
MULTILAYER CHIP INDUCTOR
logo
Socay Electornics Co., ...
SCML20122R2MTF SOCAY-SCML20122R2MTF Datasheet
211Kb / 5P
Multilayer Chip Inductor
logo
Murata Manufacturing Co...
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
XFMRS Inc.
XFEI2012 XFMRS-XFEI2012 Datasheet
104Kb / 5P
MULTILAYER FERRITE CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com