Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH0910331KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RH0910331KL
Description  RADIAL INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RH0910331KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RH0910331KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp RH0910331KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp RH0910331KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp RH0910331KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp RH0910331KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp RH0910331KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AR-001A
1000.0 ±10%
680.0 ±10%
470.0 ±10%
330.0 ±10%
220.0 ±10%
150.0 ±10%
100.0 ±10%
68.0 ±10%
47.0 ±10%
33.0 ±10%
22.0 ±10%
15.0 ±10%
10.0 ±10%
6.8 ±20%
( µH )
Inductancce
4.7 ±20%
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
1) .□:Package information
A:Bulk
B:Taping / Reel
RADIAL INDUCTOR
SPECIFICATION FOR APPROVAL
RH0910220KL□-□□□
RH0910331KL□-□□□
2) ."-
":Reference code
□
RH0910102KL□-□□□
RH0910681KL□-□□□
RH0910471KL□-□□□
□ □
RH0910221KL□-□□□
RH0910151KL□-□□□
RH0910101KL□-□□□
RH0910680KL□-□□□
RH0910470KL□-□□□
RH0910330KL□-□□□
DWG No.
RH09104R7ML□-□□□
RH0910150KL□-□□□
RH0910100KL□-□□□
RH09106R8ML□-□□□
NAME
PROD.
REF :
1.30
0.120
16.0
2.520M
1K
40
1K
30
0.796M
30
60
30
0.252M
0.796M
0.796M
1K
1K
1K
30
30
30
40
30
40
1K
0.796M
0.796M
0.796M
1K
1K
2.520M
2.520M
2.520M
1K
1K
1K
0.37
1.600
4.5
3.0
2.5
4.0
3.000
4.000
2.000
0.26
0.19
0.30
0.530
7.0
5.0
5.5
0.890
0.700
10.0
9.0
13.0
0.250
0.310
0.195
0.67
0.46
0.52
0.94
0.73
1.00
Test Freq. ( Hz )
40
40
30
ref.
30
Q
2.520M
2.520M
7.960M
1K
1K
1K
7.960M
1K
LQ
ABC'S ITEM NO.
ABC'S DWG NO.
29.0
20.0
35.0
0.050
0.096
0.038
( MHz )
46.0
typ.
SRF
( Ω )
0.031
max.
RDC
1.90
1.60
2.30
max.
( A )
2.60
IDC
RH0910□□□□L□-□□□
PAGE: 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com