Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB0805330ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB0805330ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB0805330ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB0805330ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB0805330ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB0805330ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB0805330ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB0805330ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB0805330ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB0805330ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
@ Inductance VS. DC Current Curve
□
□□
2)."-
":Reference code
AR-001A
3). Irms base on Temp. rise 40
max.
℃
4). Isat base on
L / L0A=10% typ.
△
7
DC Current (mA)
100
3R3
3
3
100
10 1
2
2
10
7
5
2
1
5
2
7 103
25
221
101
330
2
10
7
5
3
2
10
5
3
3
7
3
103
27
5
4
10
1). □:Packaging information … A:Bulk
B:Taping Reel
SMD POWER INDUCTOR
SPECIFICATION FOR APPROVAL
0.1 V / 100 KHz
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
Inductance
(uH)
3.3±20%
4.7±20%
10.0±20%
15.0±20%
22.0±20%
33.0±20%
68.0±15%
100.0±15%
150.0±15%
220.0±15%
330.0±15%
47.0±15%
6.8±20%
SB08056R8ML□-□□□
SB0805680YL□-□□□
SB0805331YL□-□□□
SB0805221YL□-□□□
SB0805151YL□-□□□
SB0805101YL□-□□□
SB0805470YL□-□□□
SB0805330ML□-□□□
SB0805220ML□-□□□
SB0805150ML□-□□□
SB0805100ML□-□□□
NAME
PROD.
REF :
SB08054R7ML□-□□□
SB08053R3ML□-□□□
Dwg. No.
0.040
3.40
3.40
2.40
3.00
1.72
2.00
1.20
1.00
0.62
0.46
0.75
1.40
0.270
1.500
0.560
0.860
0.400
0.100
0.200
0.145
0.070
0.050
1.15
0.50
0.75
0.62
0.92
1.85
1.28
1.54
2.30
2.80
SB0805□□□□L□-□□□
max.
Irms
5.00
4.20
max.
0.028
0.022
RDC
(Ω)
(A)
ABC'S DWG NO.
ABC'S ITEM NO.
typ.
4.00
5.20
Isat
(A)
PAGE: 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com