Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB0805220ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SB0805220ML
Description  SMD POWER INDUCTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB0805220ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SB0805220ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB0805220ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB0805220ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB0805220ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB0805220ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB0805220ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB0805220ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
-(1 .0 ~ 5 .0)
/ sec max.
℃
Forced Coo ling Area
200
I
SB0805□□□□L□-□□□
a﹒Core:Ferrite DR core
g﹒Remark:Products comply with RoHS'
d﹒Resistance to solder heat:260℃. 10 secs.
c﹒Operating temp.:-40℃ ~ +105℃
Ⅳ﹒GENERAL SPECIFICATION:
b﹒Storage temp.:-40℃ ~ +125℃
e﹒Adhesive:Epoxy resin
d﹒Terminal:Cu/Ni/Sn
c﹒Base:LCP E4008
b﹒Wire:Enamelled copper wire (class F)
f﹒Solder wire:Sn97/Cu3 Alloys
a﹒Temp. rise 40℃ max.
AR-001A
Time ( seconds )
Peak Temp:260℃ max.
Max time above 230℃ :50sec max.
Max time above 200℃ :70sec max.
200
250
150
100
requirements
0
50
50
150
100
70sec max.
50s ec max.
Pre heat Area
150 ~ 200
/ 60 ~ 120sec
℃
Rising Area
Temperatu re
+4.0
/ sec max.
℃
d
Reflow Area
+2.0 ~ 4.0℃
/ sec max.
e
dot is start winding
& Inductance code
Ⅲ﹒MATERIALS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Marking
NAME
PROD.
REF :
B
G
:
5.7
ref.
F
D
D
( PCB Pattern )
I
H
:
2.2
ref.
G
I
:
2.4
ref.
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
101
SMD POWER INDUCTOR
F
:
6.0±0.3
E
:
2.0±0.2
D
:
2.1±0.2
C
:
5.0±0.3
B
:
10.5±0.3
A
:
8.0±0.3
b
Peak Temperature:
250
260
℃
230
℃
c
m/m
a
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
PAGE: 1


Similar Part No. - SB0805220ML

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SB0800 NXP-SB0800 Datasheet
1Mb / 68P
Fully integrated octal valve controller system on chip
Rev. 3.0, 8/2016
logo
Tyco Electronics
SB080150WE10 MACOM-SB080150WE10 Datasheet
5Mb / 85P
tyco electronics contents
logo
Chenmko Enterprise Co. ...
SB080PT CHENMKO-SB080PT Datasheet
61Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB0805220ML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com