Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB06082R2ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # RB06082R2ML
Description  RADIAL INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

RB06082R2ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  RB06082R2ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp RB06082R2ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp RB06082R2ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp RB06082R2ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.65
10.0
2.52
60
22.0 ±10%
RB0608220KL□-□□□
460
2.4
0.796
55
560.0 ±10%
RB0608561KL□-□□□
135
8.50
1000.0 ±10%
820.0 ±10%
680.0 ±10%
1). □:Packafing information… A:Bulk
□
□□
2). "-
":Reference code
AR-001A
RB0608102KL□-□□□
RB0608821KL□-□□□
RB0608681KL□-□□□
55
55
55
0.796
0.252
0.796
2.0
9.60
1.8
11.50
2.2
9.00
120
100
125
470.0 ±10%
390.0 ±10%
330.0 ±10%
270.0 ±10%
220.0 ±10%
180.0 ±10%
150.0 ±10%
120.0 ±10%
100.0 ±10%
82.0 ±10%
68.0 ±10%
56.0 ±10%
47.0 ±10%
39.0 ±10%
33.0 ±10%
27.0 ±10%
RB0608121KL□-□□□
RB0608271KL□-□□□
RB0608471KL□-□□□
RB0608391KL□-□□□
RB0608331KL□-□□□
RB0608221KL□-□□□
RB0608181KL□-□□□
RB0608151KL□-□□□
RB0608101KL□-□□□
RB0608820KL□-□□□
RB0608680KL□-□□□
RB0608560KL□-□□□
RB0608470KL□-□□□
RB0608390KL□-□□□
RB0608330KL□-□□□
RB0608270KL□-□□□
4.8
0.796
50
290
1.90
0.796
45
45
55
45
0.796
0.796
0.796
50
45
50
0.796
0.796
0.796
3.6
180
2.75
3.0
6.00
2.8
6.50
3.3
4.68
150
140
165
4.2
2.30
3.8
2.50
4.4
2.10
235
200
275
50
50
50
50
2.52
0.796
2.52
2.52
50
50
50
50
2.52
2.52
2.52
2.52
5.5
1.50
5.0
1.70
6.0
6.5
1.30
1.20
320
305
340
350
7.0
7.5
1.00
0.90
9.0
8.0
0.75
0.85
370
390
430
410
Q
L
max.
max.
min.
18.0 ±10%
15.0 ±10%
12.0 ±10%
10.0 ±10%
8.2 ±10%
6.8 ±10%
5.6 ±10%
4.7 ±20%
3.9 ±20%
3.3 ±20%
2.7 ±20%
2.2 ±20%
1.8 ±20%
1.5 ±20%
1.2 ±20%
1.0 ±20%
RB06084R7ML□-□□□
RB0608100KL□-□□□
RB0608180KL□-□□□
RB0608150KL□-□□□
RB0608120KL□-□□□
RB06088R2KL□-□□□
RB06086R8KL□-□□□
RB06085R6KL□-□□□
RB06083R9ML□-□□□
RB06083R3ML□-□□□
RB06082R7ML□-□□□
RB06082R2ML□-□□□
RB06081R8ML□-□□□
RB06081R5ML□-□□□
RB06081R2ML□-□□□
RB06081R0ML□-□□□
0.35
40.0
7.96
60
670
2.52
60
60
60
60
2.52
2.52
2.52
60
60
60
7.96
7.96
7.96
0.45
20.0
550
0.55
13.0
11.0
0.60
15.0
0.50
500
480
530
0.40
30.0
25.0
0.40
35.0
0.35
620
590
640
7.96
60
60
60
60
7.96
7.96
7.96
60
60
60
60
7.96
7.96
7.96
7.96
0.24
65.0
830
0.30
50.0
45.0
0.30
60.0
0.27
750
720
790
70.0
75.0
0.22
0.20
90.0
105.0
0.15
0.10
880
920
980
1030
RADIAL INDUCTOR
SPECIFICATION FOR APPROVAL
( μH )
Inductance
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
NAME
DWG No.
PROD.
REF :
( MHz )
ABC'S ITEM NO.
Test Freq. ( MHz )
min.
Q
ABC'S DWG NO.
SRF
( Ω )
RDC
( mA )
IDC
RB0608□□□□L□-□□□
PAGE: 2
20100118-A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com