Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB22073R3ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SB22073R3ML
Description  SMD POWER INDUCTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB22073R3ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SB22073R3ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB22073R3ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB22073R3ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB22073R3ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB22073R3ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB22073R3ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Components
200 m/m min.
400 m/m min.
G
34
6.8
G.W. (kg)
Outer : Carton
AE-001A
Inner : Reel
3. Q'TY & G.W. Per package :
Series
SB2207
250
Q'TY (pcs)
2. Dimensions : (m/m)
Style
13 - 32
A
330
13 - 32
G.W. (gw)
1,250
Style
1,000
Q'TY (pcs)
User direction of feed
13±0.5
B
21±0.8
C
32
D
Size (cm)
40 x 40 x 24
100
+0
N
-0
T
38.4
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
※
Carrier tape width:D
no component
C
∮
Leader
End
4 m/m
P: 20m/m
G
2.0±0.5
Ⅵ﹒
PACKAGING INFORMATION:
SMD POWER INDUCTOR
1. Configuration :
NAME
PROD.
REF :
T
Trailer
no component
Start
Embossed carrier
Cover tape
SB2207□□□□L□-□□□
PAGE: 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com