Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7022CM Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS7022CM
Description  10 BASE-T SMD ETHERNET TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS7022CM Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS7022CM Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: TS7022CM DATA SHEET
Feature
Single-port modules available with and without common
mode chokes.
Conforms to IEEE 802.3 standards.
Operating temperature range: -40
°C to +85°C.
Storage temperature range: -40℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio(±5%)
OCL(uH Typ)
@100KHz/50mV
Part
Number
RX
TX
RX
TX
PRI Pins
HI-POT
(Vrms)
TS7022CM
1CT:1CT
1CT:2CT
140
25
(1-3)&(6-8)
2000
Continue
Part
Number
CW/W
(pF Max)
L.L
(uH Max)
DCR
(Ω Max)
Insulation Resistance
(M Ω)
TS7022CM
15
0.4
0.3
10,000
Schematic
Mechanical
Bothhandusa.com
10 BASE-T SMD ETHERNET TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - TS7022CM

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS7022C BOTHHAND-TS7022C Datasheet
519Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022C BOTHHAND-TS7022C Datasheet
193Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022C BOTHHAND-TS7022C_1 Datasheet
193Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
More results

Similar Description - TS7022CM

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
16ST7011 BOTHHAND-16ST7011_1 Datasheet
187Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS100-06 BOTHHAND-TS100-06 Datasheet
27Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
TS6121B BOTHHAND-TS6121B Datasheet
40Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
TS7013B BOTHHAND-TS7013B Datasheet
72Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS150-06 BOTHHAND-TS150-06 Datasheet
198Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS800-06LF BOTHHAND-TS800-06LF Datasheet
72Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7010 BOTHHAND-TS7010 Datasheet
200Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7011A BOTHHAND-TS7011A Datasheet
191Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7022B BOTHHAND-TS7022B Datasheet
201Kb / 1P
10 BASE-T SMD ETHERNET TRANSFORMER
TS7025A BOTHHAND-TS7025A Datasheet
199Kb / 1P
10 BASE-T, SMD ETHERNET TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com